Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87833-0619 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87833-0619
Description  2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 6 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87833-0619 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87833-0619 Datasheet HTML 1Page - Molex Electronics Ltd. 87833-0619 Datasheet HTML 2Page - Molex Electronics Ltd. 87833-0619 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87833-0619

ManufacturerPart #DatasheetDescription
logo
MolexKits
87833-0620 MOLEXKITS-87833-0620 Datasheet
23Kb / 3P
   PCB Through Hole
logo
Molex Electronics Ltd.
87833-0620 MOLEX10-87833-0620 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, without Locking Window
87833-0621 MOLEX10-87833-0621 Datasheet
268Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, without Locking Window
87833-0631 MOLEX10-87833-0631 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.38關m (15關) Gold (Au) Plating, without PCB Locator, with Locking Window
87833-0632 MOLEX10-87833-0632 Datasheet
229Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Shrouded, Lead-free, 6 Circuits, 0.76關m (30關) Gold (Au) Plating, without PCB Locator, with Locking Window
More results

Similar Description - 87833-0619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878334819 MOLEX10-0878334819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 48 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878335019 MOLEX10-0878335019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 50 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331019 MOLEX10-0878331019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 10 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331819 MOLEX10-0878331819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 18 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331619 MOLEX10-0878331619 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 16 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878332819 MOLEX10-0878332819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 28 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878333419 MOLEX10-0878333419 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 34 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878331219 MOLEX10-0878331219 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 12 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878330819 MOLEX10-0878330819 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 8 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
0878334019 MOLEX10-0878334019 Datasheet
150Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Right Angle, Fully Shrouded, Lead-free, 40 Circuits, Gold (Au) Flash Plating, without PCB Locator, without Locking Window
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com