Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877615022 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0877615022
Description  2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 5.71mm (.225) Stacking Height
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0877615022 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0877615022 Datasheet HTML 1Page - Molex Electronics Ltd. 0877615022 Datasheet HTML 2Page - Molex Electronics Ltd. 0877615022 Datasheet HTML 3Page - Molex Electronics Ltd. 0877615022 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0877615022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877615021 MOLEX10-0877615021 Datasheet
309Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 8.70mm (.343) Stacking Height
More results

Similar Description - 0877615022

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877615021 MOLEX10-0877615021 Datasheet
309Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, 8.70mm (.343) Stacking Height
0877615001 MOLEX10-0877615001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 50 Circuits, 0.75關m (30關) Gold (Au) Selective Plating, 10.30mm (.406) Stacking Height
0877612400 MOLEX10-0877612400 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 24 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
0877612001 MOLEX10-0877612001 Datasheet
308Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 20 Circuits, 0.75關m (30關) Gold (Au) Selective Plating
0877614408 MOLEX10-0877614408 Datasheet
106Kb / 3P
   2.00mm (.079) Pitch Milli-Grid??Header, Dual Row Dual Body, Through Hole, Vertical, 44 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, 12.50mm (.492) Stacking
0878315220 MOLEX10-0878315220 Datasheet
236Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Vertical, Through Hole, Shrouded, 20 Circuits, 0.38關m (15關) Gold (Au) Plating
0791077224 MOLEX9-0791077224 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 1.91mm (.075) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 50 Circuits
0791077024 MOLEX9-0791077024 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating, 50 Circuits
0877585016 MOLEX9-0877585016 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0791077005 MOLEX9-0791077005 Datasheet
278Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Vertical, Through Hole, Dual Row, 3.00mm (.118) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com