Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87832-2821 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87832-2821
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 28 Circuits, 0.76關m (30關) Gold (Au) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87832-2821 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87832-2821 Datasheet HTML 1Page - Molex Electronics Ltd. 87832-2821 Datasheet HTML 2Page - Molex Electronics Ltd. 87832-2821 Datasheet HTML 3Page - Molex Electronics Ltd. 87832-2821 Datasheet HTML 4Page - Molex Electronics Ltd. 87832-2821 Datasheet HTML 5Page - Molex Electronics Ltd. 87832-2821 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-87831-027
Sales Drawing
SD-87832-007
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87832-2821

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87832-2820 MOLEX10-87832-2820 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 28 Circuits, 0.38關m (15關) Gold (Au) Plating
87832-2822 MOLEX10-87832-2822 Datasheet
379Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Lead free, 28 Circuits, 0.38關m (15關
More results

Similar Description - 87832-2821

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878323021 MOLEX10-0878323021 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 30 Circuits, 0.76關m (30關) Gold (Au) Plating
0878320621 MOLEX10-0878320621 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 6 Circuits, 0.76關m (30關) Gold (Au) Plating
0878322223 MOLEX10-0878322223 Datasheet
397Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 22 Circuits, 0.76關m (30關) Gold (Au) Plating
0878323421 MOLEX10-0878323421 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 34 Circuits, 0.76關m (30關) Gold (Au) Plating
0878322021 MOLEX10-0878322021 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 20 Circuits, 0.76關m (30關) Gold (Au) Plating
0878324821 MOLEX10-0878324821 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 48 Circuits, 0.76關m (30關) Gold (Au) Plating
0878323621 MOLEX10-0878323621 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 36 Circuits, 0.76關m (30關) Gold (Au) Plating
0878322621 MOLEX10-0878322621 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 26 Circuits, 0.76關m (30關) Gold (Au) Plating
0878325021 MOLEX10-0878325021 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree, 50 Circuits, 0.76關m (30關) Gold (Au) Plating
0878323821 MOLEX10-0878323821 Datasheet
398Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, Shrouded, Leadfree 38 Circuits, 0.76關m (30關) Gold (Au) Plating,
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com