Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0857891001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0857891001
Description  PoE PLUS ENABLED ICM 1x1 LEDs: GREEN - GREEN
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0857891001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0857891001 Datasheet HTML 1Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 2Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 3Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 4Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 5Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 6Page - Molex Electronics Ltd. 0857891001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0857891001
Status:
Active
Description:
PoE PLUS ENABLED ICM 1x1 LEDs: GREEN - GREEN
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Modular Jacks/Plugs
Series
85789
Component Type
PCB Jack
Magnetic
Yes
Performance Category
5
Power over Ethernet (PoE)
PoE+
Product Name
HyperJack™PoE
Physical
Durability (mating cycles max)
750
Inverted / Top Latch
Yes
Keying to Mating Part
Yes
Lightpipes/LEDs
LEDs
Orientation
Right Angle (Side Entry)
PCB Retention
None
Packaging Type
Tray
Panel Mount
No
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Wire/Cable Type
N/A
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
Yes
Shielded
Yes
Voltage - Maximum
57V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-85789-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85789Series
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0857891001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857891001 MOLEX1-0857891001_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, PoE PLUS ENABLED 1x1, LEDs: GREEN - GREEN
More results

Similar Description - 0857891001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857891006 MOLEX9-0857891006 Datasheet
537Kb / 7P
   PoE PLUS ENABLED ICM 1x1 LEDs: YELLOW - GREEN
0857891003 MOLEX9-0857891003 Datasheet
537Kb / 7P
   PoE PLUS ENABLED ICM 1x1 LEDs: GREEN - GREEN/ORANGE
0857591001 MOLEX9-0857591001 Datasheet
328Kb / 4P
   PoE PLUS PSE ICM 1x1 LEDs: GREEN - GREEN
0857591003 MOLEX9-0857591003 Datasheet
328Kb / 4P
   PoE PLUS PSE ICM 1x1 LEDs: GREEN - GREEN/ ORANGE
0857591006 MOLEX9-0857591006 Datasheet
328Kb / 4P
   PoE PLUS PSE ICM 1x1 LEDs: YELLOW - GREEN
0857891001 MOLEX1-0857891001_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, PoE PLUS ENABLED 1x1, LEDs: GREEN - GREEN
0857891003 MOLEX1-0857891003_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, PoE PLUS ENABLED 1x1, LEDs: GREEN - GREEN/ORANGE
0857891006 MOLEX1-0857891006_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, PoE PLUS ENABLED 1x1, LEDs: YELLOW - GREEN
0857591001 MOLEX1-0857591001_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, Integrated PSE PoE 1x1, LEDs: GREEN - GREEN
0857591003 MOLEX1-0857591003_17 Datasheet
33Kb / 2P
   Gigabit Magnetic Jack, Integrated PSE PoE 1x1, LEDs: GREEN - GREEN/ ORANGE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com