Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76001-0110 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 76001-0110
Description  10.30mm (.405") EXTreme ZPower Connector, 10 Press-Fit Tails, Tin (Sn) Plating, for 3.18mm (.125") Thick PC Board
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

76001-0110 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  76001-0110 Datasheet HTML 1Page - Molex Electronics Ltd. 76001-0110 Datasheet HTML 2Page - Molex Electronics Ltd. 76001-0110 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0760010110
Status:
Active
Description:
10.30mm (.405") EXTreme ZPower™ Connector, 10 Press-Fit Tails, Tin (Sn) Plating,
for 3.18mm (.125") Thick PC Board
Documents:
3D Model
Product Specification PS-76001-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
76001
Application
Board-to-Board, Wire-to-Board
Comments
Power Connector
MolexKits
Yes
Product Name
EXTreme ZPower™
Physical
Breakaway
No
Circuits (Loaded)
2
Circuits (maximum)
2
Circuits Detail
10 tails, 50A
Durability (mating cycles max)
5
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
N/A
Lock to Mating Part
Yes
Material - Metal
Copper-Nickel-Silicon
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.154 In
PC Tail Length (mm)
3.90 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.36 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Pitch - Term. Interface (in)
0.125 In
Pitch - Term. Interface (mm)
3.18 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.50
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.50
Polarized to Mating Part
Yes
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76001Series
Use With
Extraction Tool, 621005300


Similar Part No. - 76001-0110

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
76001-0110 MOLEX-76001-0110 Datasheet
217Kb / 2P
   Parallel Board Spacing
logo
MolexKits
76001-0110 MOLEXKITS-76001-0110 Datasheet
38Kb / 2P
   Mezzanine PCB Connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com