Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85720-1050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 85720-1050
Description  Modular Plug, RJ-45, Industrial Ethernet, Category 5, Shielded, IP20, 4 Data Circuits Loaded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

85720-1050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  85720-1050 Datasheet HTML 1Page - Molex Electronics Ltd. 85720-1050 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0857201050
Status:
Active
Overview:
rj45_industrial_ethernet_plugs_receptacles_and_accessories
Description:
Modular Plug, RJ-45, Industrial Ethernet, Category 5, Shielded, IP20, 4 Data Circuits
Loaded
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Modular Jacks/Plugs
Series
85720
Component Type
Wire Plug
Magnetic
No
Overview
rj45_industrial_ethernet_plugs_receptacles_and_accessories
Performance Category
5
Power over Ethernet (PoE)
N/A
Product Name
Industrial, RJ45
Physical
Color - Resin
Black
Durability (mating cycles max)
750
Inverted / Top Latch
N/A
Keying to Mating Part
None
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Gold
Material - Resin
Polycarbonate
Orientation
N/A
PCB Locator
No
PCB Retention
N/A
Packaging Type
Tray
Panel Mount
N/A
Ports
1
Positions / Loaded Contacts
8/4
Temperature Range - Operating
-40°C to +70°C
Termination Interface: Style
N/A
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1.5A
Grounding to PCB
No
Grounding to Panel
N/A
Shielded
Yes
Voltage - Maximum
48V
Material Info
Reference - Drawing Numbers
Application Specification
AS-85720-001
Sales Drawing
SD-85720-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85720Series
Mates With
RJ-45 Jacks and Accessories
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 85720-1050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
More results

Similar Description - 85720-1050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0857201050 MOLEX1-0857201050_18 Datasheet
31Kb / 2P
   Modular Plug, Industrial Ethernet, Category 5, Shielded, IP20, 4 Data Circuits Loaded
0857202050 MOLEX9-0857202050 Datasheet
145Kb / 2P
   Modular Plug, RJ-45, Push/Pull, Industrial Ethernet, Category 5, Shielded, IP67, 4 Data Contacts Loaded
0857205050 MOLEX9-0857205050 Datasheet
142Kb / 2P
   Modular Plug, RJ-45, Push/Pull, Industrial Hybrid, Category 5, Shielded, 8/8, IP67, 4 Data and 4 Power Contacts Loaded
0857302050 MOLEX9-0857302050 Datasheet
120Kb / 2P
   Modular PCB Receptacle, RJ-45, Push/Pull, Industrial, Panel Feed Through, Category 5, Shielded, IP67
0857305050 MOLEX9-0857305050 Datasheet
187Kb / 2P
   Modular PCB Receptacle, RJ-45, Push/Pull, Industrial Hybrid, Panel Feed Through, Category 5
logo
Delta Electronics, Inc.
100BASE-TX DELTA-100BASE-TX Datasheet
186Kb / 5P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
List of Unclassifed Man...
RJS-12A08T109A ETC1-RJS-12A08T109A Datasheet
162Kb / 4P
   RJ-45 MODULAR JACK FOR FAST ETHERNET
logo
Molex Electronics Ltd.
85720-1050 MOLEX-85720-1050 Datasheet
559Kb / 2P
   RJ-45 Industrial Ethernet Plugs and Jacks
logo
PANDUIT CORP.
SPS6X88-C PANDUIT-SPS6X88-C Datasheet
120Kb / 2P
   TX6A Category 6A Shielded Modular Plug
logo
Molex Electronics Ltd.
1300550001 MOLEX11-1300550001 Datasheet
32Kb / 1P
   Brad RJ-Lnxx Ethernet Pass-Through RJ-45 Female Receptacle Shielded
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com