Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87606-1001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87606-1001
Description  6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87606-1001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87606-1001 Datasheet HTML 1Page - Molex Electronics Ltd. 87606-1001 Datasheet HTML 2Page - Molex Electronics Ltd. 87606-1001 Datasheet HTML 3Page - Molex Electronics Ltd. 87606-1001 Datasheet HTML 4Page - Molex Electronics Ltd. 87606-1001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876061001
Status:
Active
Overview:
extreme_powerplus_ssi
Description:
6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus™
(SSI) DPS Header, Through Hole, Right Angle, Screw Mount, Power Alpha 1, Signal
24, Power Beta 1, B4 Recessed Signal Pin, Short Blade, Lead-free
Documents:
3D Model
Product Specification PS-87606-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87606
Application
Board-to-Board
Comments
<LI>Recessed Signal Pin : B4|<LI>Short Blade
Overview
extreme_powerplus_ssi
Product Name
EXTreme PowerPlus™
Physical
Breakaway
No
Circuits (Loaded)
26
Circuits Detail
Power Alpha 1, Signal 24, Power Beta 1
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
Yes
Glow-Wire Compliant
No
Guide to Mating Part
Yes
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.135 In
PC Tail Length (mm)
3.43 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-20°C to +105°C
Termination Interface: Style
Through Hole
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87606Series
Mates With
87607 PCB Receptacle with Beveled Metal
Pins. 87695 PCB Receptacle with Press-fit
PC Tails


Similar Part No. - 87606-1001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87606-2002 MOLEX9-87606-2002 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus (SSI) DPS Header
87606-2003 MOLEX9-87606-2003 Datasheet
247Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??(SSI) DPS Header, Through Hole, Right Angle, Screw Mount, Power Alpha 1
87606-2004 MOLEX9-87606-2004 Datasheet
247Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??(SSI) DPS Header, Through Hole, Right Angle, Screw Mount, Power Alpha 1
logo
FCI connector
87606-310LF FCI-CONNECTOR-87606-310LF Datasheet
88Kb / 2P
   BtB RECEPT
87606-325LF FCI-CONNECTOR-87606-325LF Datasheet
88Kb / 2P
   BtB RECEPT. VERT DR TMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com