Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87715-3914 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87715-3914
Description  1.00mm (.039") Pitch, PCI Express Connector, 280 Circuits, Nylon 4/6 Glass-filled, Black Housing
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87715-3914 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87715-3914 Datasheet HTML 1Page - Molex Electronics Ltd. 87715-3914 Datasheet HTML 2Page - Molex Electronics Ltd. 87715-3914 Datasheet HTML 3Page - Molex Electronics Ltd. 87715-3914 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877153914
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch, PCI Express* Connector, 280 Circuits, Nylon 4/6 Glass-filled,
Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 3.00mm (.118")
Soldertail, Lead Free
Agency Certification
CSA
LR19980
General
Product Family
Edge Card Connectors
Series
87715
Component Type
Edgecard to PCB
Overview
pci_express_card_edge_connector
Product Name
PCI Express*
Physical
Circuits (Loaded)
280
Circuits (maximum)
280
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.1A
Voltage - Maximum
50V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87715-206
Product Specification
PS-87715-206
Sales Drawing
SD-87715-206
Test Summary
TS-87715-206
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87715Series
Mates With
PCI Express Card


Similar Part No. - 87715-3914

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87715-3915 MOLEX9-87715-3915 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express* Connector, 280 Circuits, Nylon 4/6 Glass-filledBlack Housing, Phosphor Bronze, 0.38關m (15關") Gold (Au) Plating, with Plastic Pegs3.00mm (.118") Soldertail, Lead Free
87715-3916 MOLEX9-87715-3916 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express* Connector, 280 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs,
87715-3917 MOLEX9-87715-3917 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express Connector, 280 Circuits, Nylon 4/6 Glass-filled, Black Housing
87715-3918 MOLEX9-87715-3918 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express Connector, 280 Circuits, Nylon 4/6 Glass-filled, Black Housing
87715-3919 MOLEX9-87715-3919 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express Connector, 280 Circuits, Nylon 4/6 Glass-filled, Black Housing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com