Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87587-2148 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87587-2148
Description  1.27mm (.050") Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with Beveled Metal Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87587-2148 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87587-2148 Datasheet HTML 1Page - Molex Electronics Ltd. 87587-2148 Datasheet HTML 2Page - Molex Electronics Ltd. 87587-2148 Datasheet HTML 3Page - Molex Electronics Ltd. 87587-2148 Datasheet HTML 4Page - Molex Electronics Ltd. 87587-2148 Datasheet HTML 5Page - Molex Electronics Ltd. 87587-2148 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Reference - Drawing Numbers
Product Specification
PS-87587-007
Sales Drawing
SD-87587-001
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87587-2148

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87587-2149 MOLEX9-87587-2149 Datasheet
294Kb / 6P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Low Profile (25째), Multi-Key, with BeveledMetal Pins and Plastic Peg, Center Function Key, 2.79mm (.110") Tail Length, 0.76關m
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com