Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87203-6152 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87203-6152
Description  D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 Circuits, Screw Hole
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87203-6152 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87203-6152 Datasheet HTML 1Page - Molex Electronics Ltd. 87203-6152 Datasheet HTML 2Page - Molex Electronics Ltd. 87203-6152 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Current - Maximum per Contact
1A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
750V AC (RMS)
Material Info
This document was generated on 04/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87203-6152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87203-6044 MOLEX9-87203-6044 Datasheet
122Kb / 2P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, M2.6 Inner Thread Screws Assembled, Gold (Au) 0.76關m (30關)
87203-6366 MOLEX11-87203-6366 Datasheet
144Kb / 1P
   RoHS Certificate of Compliance
More results

Similar Description - 87203-6152

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482026342 MOLEX6-0482026342 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole
0482016156 MOLEX6-0482016156 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Female Receptacle, Right Angle, Through Hole, 15 Circuits
0482026362 MOLEX6-0482026362 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert, Screw Hole
0482026153 MOLEX6-0482026153 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 15 Circuits, 4-40 Flush Insert
0482026052 MOLEX6-0482026052 Datasheet
148Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, Flush Insert, 0.38um
0482026363 MOLEX6-0482026363 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
0482026046 MOLEX6-0482026046 Datasheet
141Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
0482026066 MOLEX6-0482026066 Datasheet
146Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
0482026367 MOLEX6-0482026367 Datasheet
147Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 25 Circuits, 4-40 Flush Insert
0482026042 MOLEX6-0482026042 Datasheet
144Kb / 3P
   D-Subminiature Shielded I/O PCB Male Plug, Right Angle, Through Hole, 9 Circuits, 4-40 Flush Insert
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com