Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76420-1000 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 76420-1000
Description  5/16"-32 UNEF Thread, Hex Panel Nut, CZ Mezzanine
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

76420-1000 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  76420-1000 Datasheet HTML 1Page - Molex Electronics Ltd. 76420-1000 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0764201000
Status:
Active
Description:
5/16"-32 UNEF Thread, Hex Panel Nut, CZ Mezzanine
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
76420
Component Type
Hex Nut
Product Name
N/A
Physical
Circuits (Loaded)
0
Gender
N/A
Lock to Mating Part
No
Material - Metal
Brass
Number of Rows
0
Packaging Type
Bag
Temperature Range - Operating
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-76420-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
76420Series
This document was generated on 03/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 76420-1000

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7642 UTC-7642 Datasheet
78Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Molex Electronics Ltd.
76421-1000 MOLEX-76421-1000 Datasheet
2Mb / 2P
   EdgeLineTM 12.5 Gbps Edge Card Connector
logo
CommScope Inc.
7642123-01 COMMSCOPE-7642123-01 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
7642125-00 COMMSCOPE-7642125-00 Datasheet
770Kb / 24P
   ERA® Ordering Guide
2022
logo
Tyco Electronics
764218-1 MACOM-764218-1 Datasheet
125Kb / 3P
   Mini Universal MATE N LOK 2 Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com