Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6511 Datasheet(PDF) 1 Page - Sanken electric

Part # SMA6511
Description  PNP NPN Darlington Stepper motor driver with dual supply voltage switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6511 Datasheet(HTML) 1 Page - Sanken electric

  SMA6511 Datasheet HTML 1Page - Sanken electric SMA6511 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
148
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
(Ta=25
°C)
Symbol
Unit
VCBO
100
±15
–60
V
VCEO
100
±15
–60
V
VEBO
6
–6V
ICP
1.5
–3A
IB
0.5
–0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
Ratings
NPN
PNP
SMA6511
R1: 4k
Ω typ R2: 150Ω typ R3: 4kΩ typ R4: 100Ω typ
8
9
6
7
3
4
1
2
5
10
12
11
R3
R1 R2
R4
PT
W
012
4
5
6
VCE (V)
3
1
2
3
0.5mA
1mA
2mA
5mA
0.3mA
0.2mA
20000
10000
5000
1000
500
100
0.03
IC (A)
50
0.1
0.5
1
3
0.05
typ
(VCE=4V)
(VCE=4V)
0.03
IC (A)
0.1
0.5
1
3
0.05
20000
10000
5000
1000
500
100
50
Ta
=125
°C
–30
°C
75
°C
25
°C
0
123
VBE (V)
1
2
3
(VCE=4V)
0
0
0
–1
–2
–3
–1
–2
–3
VCE (V)
–5
–4
–6
–2.0m
A
–1.2mA
–1.0mA
–0.8mA
–0.6mA
–0.5mA
–0.4mA
–0.3mA
typ
–0.02
–0.05
–0.1
–0.5
–1
–3
50
100
500
1000
5000
IC (A)
(VCE=–4V)
(VCE=–4V)
10000
5000
1000
500
100
50
–0.02
–0.05
–0.1
–0.5
–1
–3
IC (A)
T
a=125
°C
–30
°C
75
°C
25
°C
0
0
–3
–1
–2
–2
–1
–3
VBE (V)
(VCE=–4V)
75
°C
PNP + NPN Darlington
Stepper motor driver with
dual supply voltage switch
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram


Similar Part No. - SMA6511

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6511 SANKEN-SMA6511 Datasheet
47Kb / 2P
   PNP NPN Darlington
SMA6511 SANKEN-SMA6511_01 Datasheet
47Kb / 2P
   PNP NPN Darlington Stepper motor driver with dual supply voltage switch
More results

Similar Description - SMA6511

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6511 SANKEN-SMA6511_01 Datasheet
47Kb / 2P
   PNP NPN Darlington Stepper motor driver with dual supply voltage switch
SMA6512 SANKEN-SMA6512 Datasheet
33Kb / 2P
   PNP NPN Darlington Stepper motor driver with dual supply voltage switch
logo
New Japan Radio
NJM3773 NJRC-NJM3773 Datasheet
170Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
Ericsson
PBL3775-1 ERICSSON-PBL3775-1 Datasheet
161Kb / 8P
   Dual Stepper Motor Driver
logo
New Japan Radio
NJM3771 NJRC-NJM3771 Datasheet
169Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3772 NJRC-NJM3772 Datasheet
162Kb / 9P
   DUAL STEPPER MOTOR DRIVER
NJM3774 NJRC-NJM3774 Datasheet
161Kb / 9P
   DUAL STEPPER MOTOR DRIVER
logo
ON Semiconductor
LV8714TA ONSEMI-LV8714TA Datasheet
1Mb / 25P
   Dual Stepper Motor Driver
November 2014- Rev. 2
logo
Ericsson
PBL3772 ERICSSON-PBL3772 Datasheet
708Kb / 13P
   DUAL STEPPER MOTOR DRIVER
PBL3773 ERICSSON-PBL3773 Datasheet
697Kb / 8P
   DUAL STEPPER MOTOR DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com