Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA6014 Datasheet(PDF) 1 Page - Sanken electric

Part # SMA6014
Description  PNP NPN Darlington 3-phase motor drive
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6014 Datasheet(HTML) 1 Page - Sanken electric

  SMA6014 Datasheet HTML 1Page - Sanken electric SMA6014 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
112
NPN
PNP
NPN
NPN
PNP
PNP
NPN
PNP
IC-VCE Characteristics (Typical)
IC-VBE Temperature Characteristics (Typical)
hFE-IC Characteristics (Typical)
hFE-IC Temperature Characteristics (Typical)
Characteristic curves
SMA6014
R1: 4k
Ω typ R2: 100Ω typ R3: 3kΩ typ
2
R1 R2
4
R3
8
6
9
11
10
1
37
512
(Ta=25
°C)
Symbol
Unit
VCBO
60
–60
V
VCEO
60
–60
V
VEBO
6–6
V
IC
2–2
A
ICP
3 (PW
≤1ms, Du≤50%)
–3 (PW
≤1ms, Du≤50%)
A
IB
0.5
–0.5
A
4 (Ta=25
°C)
20 (Tc=25
°C)
Tj
150
°C
Tstg
–40 to +150
°C
θ j–c
6.25
°C/W
PT
W
Ratings
NPN
PNP
6
4
2
0
02
4
6
IB=4.0mA
1.0mA
0.6mA
0.4mA
0.3mA
2.0mA
VCE (V)
0.03 0.05
0.1
0.5
1
3
100
500
1000
5000
20000
10000
(VCE=4V)
IC (A)
typ
0.03 0.05
0.1
0.5
1
3
100
500
1000
5000
10000
20000
(VCE=4V)
IC (A)
Ta
=125
°C
75
°C
25
°C
–30
°C
3
2
1
0
01
2
(VCE=4V)
VBE (V)
0
0
–1
–2
–4
–3
–1
–2
–3
VCE (V)
–5
–4
–6
–2.0mA
–1.2mA
–1.0mA
–0.8mA
–0.6mA
–0.5mA
–0.4mA
–0.3mA
–0.02
–0.05
–0.1
–0.5
–1
–3
50
100
500
1000
5000
IC (A)
(VCE=–4V)
typ
–0.02
–0.05
–0.1
–0.5
–1
–3
50
100
500
1000
5000
10000
(VCE=–4V)
IC (A)
Ta=125
°C
–30
°C
25
°C
75°C
–3
–2
–1
0
0
–1–2–3
(VCE=–4V)
VBE (V)
PNP + NPN Darlington
3-phase motor drive
External dimensions
B • • • SMA
Absolute maximum ratings
sEquivalent circuit diagram


Similar Part No. - SMA6014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA6010 SANKEN-SMA6010 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Tyco Electronics
SMA6011 MACOM-SMA6011 Datasheet
105Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
List of Unclassifed Man...
SMA6011 ETC1-SMA6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
More results

Similar Description - SMA6014

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA6023 SANKEN-SLA6023 Datasheet
31Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6012 SANKEN-SLA6012 Datasheet
30Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
List of Unclassifed Man...
SMA6080 ETC1-SMA6080 Datasheet
36Kb / 2P
   PNP NPN Darlington 3-phase motor drive
logo
Sanken electric
SLA6022 SANKEN-SLA6022 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6024 SANKEN-SLA6024_06 Datasheet
54Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6010 SANKEN-SMA6010_01 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SMA6080 SANKEN-SMA6080 Datasheet
40Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026_06 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
50Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6026 SANKEN-SLA6026 Datasheet
45Kb / 2P
   PNP NPN Darlington 3-phase motor drive
SLA6020 SANKEN-SLA6020 Datasheet
33Kb / 2P
   PNP NPN Darlington 3-phase motor drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com