Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0751170218 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0751170218
Description  2.00mm (.079") Pitch VHDM Board-to-Board Stacker Receptacle, Vertical, 8-Row, 200 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751170218 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0751170218 Datasheet HTML 1Page - Molex Electronics Ltd. 0751170218 Datasheet HTML 2Page - Molex Electronics Ltd. 0751170218 Datasheet HTML 3Page - Molex Electronics Ltd. 0751170218 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0751170218
Status:
Active
Overview:
vhdm
Description:
2.00mm (.079") Pitch VHDM® Board-to-Board Stacker Receptacle, Vertical, 8-Row,
200 Circuits, 0.76µm (30µ") Gold (Au)
Documents:
Drawing (PDF)
Product Specification PS-74031-999 (PDF)
Packaging Specification (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
75117
Application
Daughtercard
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
Stack Height 18mm (.708"), Lead Free
Component Type
PCB Receptacle
Overview
vhdm
Product Name
VHDM®
Style
N/A
Physical
Circuits (Loaded)
200
Circuits (maximum)
200
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
N/A
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to PCB
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
3.125 Gbps
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75117Series
Mates With
74060 VHDM® Board-to-Board Backplane
Header


Similar Part No. - 0751170218

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751170018 MOLEX9-0751170018 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 400 Circuits, 0.76關m (30關) Gold (Au)
0751170118 MOLEX9-0751170118 Datasheet
504Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Stacker Receptacle, Vertical, 8-Row, 80 Circuits, 0.76關m (30關) Gold (Au)
0751170538 MOLEX9-0751170538 Datasheet
323Kb / 3P
   2.00mm (.0779") Pitch VHDM Board-to-Board Stacker Guided Recpectacle, Vertical, 400 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com