Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87632-2008 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87632-2008
Description  6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus PS-P Receptacle
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87632-2008 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87632-2008 Datasheet HTML 1Page - Molex Electronics Ltd. 87632-2008 Datasheet HTML 2Page - Molex Electronics Ltd. 87632-2008 Datasheet HTML 3Page - Molex Electronics Ltd. 87632-2008 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-87631-018
Product Specification
PS-87631-006
Sales Drawing
SD-87632-016
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87632-2008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87632-2001 MOLEX9-87632-2001 Datasheet
230Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PS- P Receptacle, Through Hole, Right Angle, Screw Mount, 28 Circuits
87632-2002 MOLEX9-87632-2002 Datasheet
230Kb / 4P
   6.35mm (.250) Pitch, Power, 2.54mm (.100) Pitch, Signal, EXTreme PowerPlus??PS-P Receptacle, Through Hole, Right Angle, Screw Mount, 16 Circuits, Power Beta 2
87632-2009 MOLEX9-87632-2009 Datasheet
230Kb / 4P
   6.35mm (.250") Pitch, Power, 2.54mm (.100") Pitch, Signal, EXTreme PowerPlus??PSPS-Signal 24, Power Alpha 6, Recessed Power Pins: A3, A4, A5, A6, Leadfree
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com