Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75433-2214 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75433-2214
Description  1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75433-2214 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75433-2214 Datasheet HTML 1Page - Molex Electronics Ltd. 75433-2214 Datasheet HTML 2Page - Molex Electronics Ltd. 75433-2214 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0754332214
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX® Backplane Connector System,
Left Guide Header Position A, 150 Circuits, Gold (Au) 0.76µm (30µ"), Pin Length
4.55mm (.179")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75433
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Left Guide Header, Keying Position A
Component Type
PCB Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
150
Circuits (maximum)
150
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
25
Number of Pairs
3
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.087 In
PC Tail Length (mm)
2.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.073 In
Pitch - Term. Interface (mm)
1.85 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75433Series
Mates With
75370 GbX® Daughtercards
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
GbX® Single Pin
Repair Tool
0622022090
GbX® Shield
Removal Tool
0622022100
GbX® 3 Pair by 25
Wide Differential
Insertion Tool
0622022530


Similar Part No. - 75433-2214

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75433-2215 MOLEX9-75433-2215 Datasheet
241Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System Left Guide Header Position A, 150 Circuits, Gold (Au) 0.76關m (30關)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com