Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75757-1442 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75757-1442
Description  3.50mm (.138") Pitch, MX150 Header, Breakaway, Vertical, 8 Circuits, 1.5um (60u") Tin (Sn) Plating
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-1442 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75757-1442 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-1442 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-1442 Datasheet HTML 3Page - Molex Electronics Ltd. 75757-1442 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
16A
Voltage - Maximum
500V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
15
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-75757-204
Packaging Specification
PK-75757-006
Product Specification
PS-75757-000
Sales Drawing
SD-75757-002
Test Summary
TS-75757-001
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 75757-1442

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-1441 MOLEX9-75757-1441 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 1.5關m (60關")Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com