Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RE5RL60AC-T2 Datasheet(PDF) 9 Page - RICOH electronics devices division

Part # RE5RL60AC-T2
Description  VOLTAGE REGULATOR
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RE5RL60AC-T2 Datasheet(HTML) 9 Page - RICOH electronics devices division

Back Button RE5RL60AC-T2 Datasheet HTML 5Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 6Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 7Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 8Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 9Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 10Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 11Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 12Page - RICOH electronics devices division RE5RL60AC-T2 Datasheet HTML 13Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
R
×5RL
8
ELECTRICAL CHARACTEISTICS BY OUTPUT VOLTAGE
VIN
VOUT
=2.0V
25
35
30
45
1mA
IOUT
≤35mA
VIN
VOUT
=2.0V
35
50
40
60
1mA
IOUT
≤50mA
VIN
VOUT
=2.0V
45
65
50
70
1mA
IOUT
≤65mA
VIN
VOUT
=2.0V
55
80
60
90
1mA
IOUT
≤80mA
R
×5RL20A
1.950
2.000
2.050
R
×5RL21A
2.048
2.100
2.152
R
×5RL22A
2.145
2.200
2.255
R
×5RL23A
2.243
2.300
2.357
R
×5RL24A
2.340
2.400
2.460
R
×5RL25A
2.438
2.500
2.562
R
×5RL26A
2.535
2.600
2.665
R
×5RL27A
2.633
2.700
2.767
R
×5RL28A
2.730
2.800
2.870
R
×5RL29A
2.828
2.900
2.972
R
×5RL30A
2.925
3.000
3.075
R
×5RL31A
3.023
3.100
3.177
R
×5RL32A
3.120
3.200
3.280
R
×5RL33A
3.218
3.300
3.382
R
×5RL34A
3.315
3.400
3.485
R
×5RL35A
3.413
3.500
3.587
R
×5RL36A
3.510
3.600
3.690
R
×5RL37A
3.608
3.700
3.792
R
×5RL38A
3.705
3.800
3.895
R
×5RL39A
3.803
3.900
3.997
R
×5RL40A
3.900
4.000
4.100
R
×5RL41A
3.998
4.100
4.202
R
×5RL42A
4.095
4.200
4.305
R
×5RL43A
4.193
4.300
4.407
R
×5RL44A
4.290
4.400
4.510
R
×5RL45A
4.388
4.500
4.612
R
×5RL46A
4.485
4.600
4.715
R
×5RL47A
4.583
4.700
4.817
R
×5RL48A
4.680
4.800
4.920
R
×5RL49A
4.778
4.900
5.022
R
×5RL50A
4.875
5.000
5.125
R
×5RL51A
4.973
5.100
5.227
R
×5RL52A
5.070
5.200
5.330
R
×5RL53A
5.168
5.300
5.432
R
×5RL54A
5.265
5.400
5.535
R
×5RL55A
5.363
5.500
5.637
R
×5RL56A
5.460
5.600
5.740
R
×5RL57A
5.558
5.700
5.842
R
×5RL58A
5.655
5.800
5.945
R
×5RL59A
5.753
5.900
6.047
R
×5RL60A
5.850
6.000
6.150
Output Voltage
OutputCurrent
Load Regulation
Part Number
VOUT(V)
IOUT(mA)
VOUT(mV)
Conditions
MIN.
TYP.
MAX.
Conditions
MIN.
TYP.
Conditions
TYP.
MAX.
VIN
VOUT
=2.0V
10µA
IOUT
≤10mA
VIN
VOUT
=2.0V
60
90
50
75
40
60
35
53
30
45
IOUT
=1mA
25
38
Dropout Voltage
VDIF (mV)
Conditions
TYP.
MAX.


Similar Part No. - RE5RL60AC-T2

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RE5RL60AA-TR-F RICOH-RE5RL60AA-TR-F Datasheet
566Kb / 18P
   Supply Current Typ. 1.1關A (VOUT=3.0V, VIN=5.0V)
More results

Similar Description - RE5RL60AC-T2

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com