Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA7022MU Datasheet(PDF) 1 Page - Sanken electric

Part # SMA7022MU
Description  2-Phase Stepper Motor Unipolar Driver ICs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA7022MU Datasheet(HTML) 1 Page - Sanken electric

  SMA7022MU Datasheet HTML 1Page - Sanken electric SMA7022MU Datasheet HTML 2Page - Sanken electric SMA7022MU Datasheet HTML 3Page - Sanken electric SMA7022MU Datasheet HTML 4Page - Sanken electric SMA7022MU Datasheet HTML 5Page - Sanken electric SMA7022MU Datasheet HTML 6Page - Sanken electric SMA7022MU Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
Parameter
Symbol
Ratings
Units
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
Motor supply voltage
VCC
46
V
FET Drain-Source voltage
VDSS
100
V
Control supply voltage
VS
46
V
TTL input voltage
VIN
7V
Reference voltage
VREF
2V
Output current
IO
1
1.5
1
1.5
A
Power dissipation
PD1
4.5 (Without Heatsink)
4.0 (Without Heatsink)
W
PD2
35 (TC=25
°C)
28(TC=25
°C)
W
Channel temperature
Tch
+150
°C
Storage temperature
Tstg
−40 to +150
°C
sAbsolute Maximum Ratings
2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU/SLA7029M/SMA7022MU/SMA7029M
2-Phase Excitation
(Ta=25
°C)
Ratings
Parameter
Symbol
SLA7022MU
SLA7029M
SMA7022MU
SMA7029M
Units
min
typ
max
min
typ
max
min
typ
max
min
typ
max
Control supply current
IS
10
15
10
15
10
15
10
15
mA
Condition
VS=44V
VS=44V
VS=44V
VS=44V
Control supply voltage
VS
10
24
44
10
24
44
10
24
44
10
24
44
V
FET Drain-Source
VDSS
100
100
100
100
V
voltage
Condition
VS=44V, IDSS=250
µAVS=44V, IDSS=250 µAVS=44V, IDSS=250 µAVS=44V, IDSS=250 µA
FET ON voltage
VDS
0.85
0.6
0.85
0.6
V
Condition
ID=1A, VS=14V
ID=1A, VS=14V
ID=1A, VS=14V
ID=1A, VS=14V
FET drain leakage current
IDSS
444
4
mA
Condition
VDSS=100V, VS=44V
VDSS=100V, VS=44V
VDSS=100V, VS=44V
VDSS=100V, VS=44V
FET diode forward
VSD
1.2
1.1
1.2
1.1
V
voltage
Condition
ID=1A
ID=1A
ID=1A
ID=1A
IIH
40
40
40
40
µ A
TTL input current
Condition
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
VIH=2.4V, VS=44V
IIL
−0.8
−0.8
−0.8
−0.8
mA
Condition
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIL=0.4V, VS=44V
VIH
22
22
TTL input voltage
Condition
ID=1A
ID=1A
ID=1A
ID=1A
V
(Active High)
VIL
0.8
0.8
0.8
0.8
Condition
VDSS=100V
VDSS=100V
VDSS=100V
VDSS=100V
VIH
22
22
TTL input voltage
Condition
VDSS=100V
VDSS=100V
VDSS=100V
VDSS=100V
V
(Active Low)
VIL
0.8
0.8
0.8
0.8
Condition
ID=1A
ID=1A
ID=1A
ID=1A
Tr
0.5
0.5
0.5
0.5
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
Switching time
Tstg
0.7
0.7
0.7
0.7
µ s
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
Tf
0.1
0.1
0.1
0.1
Condition
VS=24V, ID=0.8A
VS=24V, ID=1A
VS=24V, ID=0.8A
VS=24V, ID=1A
sElectrical Characteristics
(Ta=25
°C)


Similar Part No. - SMA7022MU

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA7022MU SANKEN-SMA7022MU Datasheet
59Kb / 2P
   2-Phase Excitation
SMA7022MU SANKEN-SMA7022MU Datasheet
87Kb / 2P
   2-Phase Excitation
SMA7022MU SANKEN-SMA7022MU Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
More results

Similar Description - SMA7022MU

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7050M SANKEN-SLA7050M Datasheet
438Kb / 14P
   2-Phase Unipolar Stepper Motor Driver
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com