Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0834229014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0834229014
Description  1.27mm (.050") Pitch Commerical Micro D, Cable Receptacle Kit, 15 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0834229014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0834229014 Datasheet HTML 1Page - Molex Electronics Ltd. 0834229014 Datasheet HTML 2Page - Molex Electronics Ltd. 0834229014 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0834229014
Status:
Active
Overview:
commercial_microd
Description:
1.27mm (.050") Pitch Commerical Micro D, Cable Receptacle Kit, 15 Circuits
Documents:
3D Model
Product Specification PS-83421-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
83422
Application
Wire-to-Board
Component Type
Receptacle
Overview
commercial_microd
Product Literature Order No
USA-063
Product Name
Commercial Micro-D
Type
N/A
Physical
Boot Color
BLACK
Circuits (Loaded)
15
Circuits (maximum)
15
Durability (mating cycles max)
500
Gender
Receptacle
Lock to Mating Part
Yes
Material - Plating Mating
Gold
Number of Rows
2
Orientation
N/A
PCB Locator
No
PCB Retention
N/A
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.025 In
Pitch - Mating Interface (mm)
0.64 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +125°C
Termination Interface: Style
N/A
Waterproof / Dustproof
No
Wire Size AWG
26, 28
Electrical
Current - Maximum per Contact
1A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
350V AC
Material Info
Reference - Drawing Numbers
Product Specification
PS-83421-001
Sales Drawing
SD-83421-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
83422Series
Mates With
83611 , 83619 , 83612 , 83614
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Manual Press for
Micro-D Backshell
Crimp Tool Kit, 15
Circuits
0622019800
Micro-D Backshell
Crimp Tool Kit, 15
Circuits
0622019900
Hand Crimp Tool
0621004100


Similar Part No. - 0834229014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0834219014 MOLEX9-0834219014 Datasheet
154Kb / 3P
   1.27mm (.050") Pitch Commerical Micro D, Cable Receptacle Kit, 9 Circuits
0834219042 MOLEX9-0834219042 Datasheet
104Kb / 2P
   Comercial Micro-D, CMD Single Ended, 9 Circuits, Female - Pigtail, 0.46m (1.50) Length
0834219043 MOLEX9-0834219043 Datasheet
103Kb / 2P
   Comercial Micro-D, CMD Single Ended, 9 Circuits, Female - Pigtail, 0.91m (3.0) Length
0834219044 MOLEX9-0834219044 Datasheet
103Kb / 2P
   Comercial Micro-D, CMD Single Ended, 9 Circuits, Female - Pigtail, 1.83m (6.0 ) Length
0834249014 MOLEX9-0834249014 Datasheet
154Kb / 3P
   1.27mm (.050") Pitch Commerical Micro D, Cable Receptacle Kit, 25 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com