Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87693-0311 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87693-0311
Description  1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87693-0311 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87693-0311 Datasheet HTML 1Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 2Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 3Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 4Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 5Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 6Page - Molex Electronics Ltd. 87693-0311 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876930311
Status:
Active
Description:
1.27mm (.050") Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left),
3.32mm (.131") Tail Length, 0.76µm (30µ") Gold (Au) Selective Plating, Black Latches,
184 Circuits, Leadfree
Documents:
3D Model
Product Specification PS-87693-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87693
Comments
Latches in Black Color
Component Type
Memory Module
JEDEC Outline
MO-206
Product Name
DDR DIMM
Physical
Circuits (Loaded)
184
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Keying to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic, Polysulfone
PC Tail Length (in)
0.131 In
PC Tail Length (mm)
3.32 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.140 In
PCB Thickness Recommended (mm)
3.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
15.2
Plating min: Termination (µm)
0.38
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
50V
Voltage Key
2.5V, Left
Material Info
Reference - Drawing Numbers
Product Specification
PS-87693-002
Sales Drawing
SD-87693-202
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87693Series
Mates With
JEDEC standard 1.27mm modules
This document was generated on 04/07/2010


Similar Part No. - 87693-0311

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87693-0301 MOLEX9-87693-0301 Datasheet
405Kb / 7P
   1.27mm (.050) Pitch DDR DIMM Socket, Vertical, Press-fit, 2.5V Voltage Keys (Left), 3.32mm (.131) Tail Length, 0.38關m (15關) Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com