Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0877159921 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0877159921
Description  1.00mm (.039) Pitch, Edge Card Connector, 200 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating, with Plastic Pegs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0877159921 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0877159921 Datasheet HTML 1Page - Molex Electronics Ltd. 0877159921 Datasheet HTML 2Page - Molex Electronics Ltd. 0877159921 Datasheet HTML 3Page - Molex Electronics Ltd. 0877159921 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877159921
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch, Edge Card Connector, 200 Circuits, Nylon 4/6 Glass-filled,
Black Housing, Phosphor Bronze, 0.76µm (30µ") Gold (Au) Plating, with Plastic Pegs,
3.00mm (.118") Soldertail, Lead Free
Agency Certification
CSA
LR19980
General
Product Family
Edge Card Connectors
Series
87715
Component Type
Edgecard to PCB
Overview
edge_card_connectors
Product Name
Edge Card
Physical
Circuits (Loaded)
200
Circuits (maximum)
200
Circuits Detail
All Signal
Durability (mating cycles max)
50
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Plating Mating
Gold
Material - Plating Termination
Tin
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
Yes
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.1A
Voltage - Maximum
50V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability
Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87715-212
Product Specification
PS-87715-200
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87715Series
Mates With
1.0mm Thick Memory Module


Similar Part No. - 0877159921

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877159920 MOLEX9-0877159920 Datasheet
311Kb / 4P
   1.00mm (.039") Pitch, Edge Card Connector, 200 Circuits, Nylon 4/6 Glass-filledBlack Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs
More results

Similar Description - 0877159921

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877159920 MOLEX9-0877159920 Datasheet
311Kb / 4P
   1.00mm (.039") Pitch, Edge Card Connector, 200 Circuits, Nylon 4/6 Glass-filledBlack Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs
0877153916 MOLEX9-0877153916 Datasheet
382Kb / 4P
   1.00mm (.039") Pitch, PCI Express* Connector, 280 Circuits, Nylon 4/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs,
0877159006 MOLEX9-0877159006 Datasheet
628Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating, with Plastic Pegs
0877159309 MOLEX9-0877159309 Datasheet
628Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating, with Plastic Pegs
0877159206 MOLEX9-0877159206 Datasheet
337Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating, with Plastic Pegs
0877156006 MOLEX9-0877156006 Datasheet
340Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled,Black Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs,
0877156026 MOLEX9-0877156026 Datasheet
340Kb / 6P
   1.00mm (.039") Pitch, PCI Express* Connector, 36 Circuits, Nylon 6/6 Glass-filled, Blue Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating, with Plastic Pegs
0877159209 MOLEX9-0877159209 Datasheet
337Kb / 6P
   1.00mm (.039) Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating
0877159306 MOLEX9-0877159306 Datasheet
628Kb / 10P
   1.00mm (.039") Pitch, PCI Express* Connector, 164 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關") Gold (Au) Plating
0877159009 MOLEX9-0877159009 Datasheet
628Kb / 10P
   1.00mm (.039) Pitch, PCI Express* Connector, 36 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, 0.76關m (30關) Gold (Au) Plating
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com