Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87754-0552 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87754-0552
Description  2.00mm (.079) Pitch Header, Breakaway, Right Angle, Through Hole, Vertical, 5 Circuits, 0.38關m (15關) Gold (Au) Plating, Tray Packaging, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87754-0552 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87754-0552 Datasheet HTML 1Page - Molex Electronics Ltd. 87754-0552 Datasheet HTML 2Page - Molex Electronics Ltd. 87754-0552 Datasheet HTML 3Page - Molex Electronics Ltd. 87754-0552 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87754-100
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87754-0552

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8775 BELDEN-8775 Datasheet
170Kb / 2P
   Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8775.060100 BELDEN-8775.060100 Datasheet
170Kb / 2P
   Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8775.0601000 BELDEN-8775.0601000 Datasheet
170Kb / 2P
   Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
8775.060500 BELDEN-8775.060500 Datasheet
170Kb / 2P
   Audio, Control & Instrument, #22-11pr, PP, Indiv. Foil, PVC Jkt, CM
01-20-2023
logo
Molex Electronics Ltd.
87755-0800 MOLEX9-87755-0800 Datasheet
101Kb / 3P
   2.00mm (.079") Pitch PCB Header, Through Hole, Single Row Dual Body, Vertical, 8 Circuits
More results

Similar Description - 87754-0552

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877583850 MOLEX9-0877583850 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 38 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877580014 MOLEX9-0877580014 Datasheet
195Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 14 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877582650 MOLEX9-0877582650 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 26 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877582250 MOLEX9-0877582250 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 22 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877584850 MOLEX9-0877584850 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 48 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877580650 MOLEX9-0877580650 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 6 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877584050 MOLEX9-0877584050 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 40 Circuits, 0.38關m(15關") Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877581250 MOLEX9-0877581250 Datasheet
147Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 12 Circuits, 0.38關m(15關") Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877583650 MOLEX9-0877583650 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
0877581050 MOLEX9-0877581050 Datasheet
147Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 10 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com