Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87705-7023 Datasheet(PDF) 8 Page - Molex Electronics Ltd.

Part # 87705-7023
Description  1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87705-7023 Datasheet(HTML) 8 Page - Molex Electronics Ltd.

Back Button 87705-7023 Datasheet HTML 4Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 5Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 6Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 7Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 8Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 9Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 10Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 11Page - Molex Electronics Ltd. 87705-7023 Datasheet HTML 12Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image


Similar Part No. - 87705-7023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87705-7020 MOLEX9-87705-7020 Datasheet
673Kb / 12P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length
87705-7022 MOLEX9-87705-7022 Datasheet
672Kb / 12P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
More results

Similar Description - 87705-7023

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877056425 MOLEX9-0877056425 Datasheet
685Kb / 11P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length, White Latches, Nylon 4/6 Glass-filled, Blue Housing
0877057022 MOLEX9-0877057022 Datasheet
672Kb / 12P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 6/6 Glass-filled, Blue Housing
0877057453 MOLEX9-0877057453 Datasheet
672Kb / 12P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
0877057417 MOLEX9-0877057417 Datasheet
673Kb / 12P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, White Latches, Nylon 4/6 Glass-filled, White Housing
0877056050 MOLEX9-0877056050 Datasheet
685Kb / 11P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100) Tail Length, Black Latches, Nylon 6/6 Glass-filled, Black Housing
0877057030 MOLEX9-0877057030 Datasheet
672Kb / 12P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm(.100") Tail Length, White Latches, Nylon 6/6 Glass-filled, Green Housing, Gold (Au)
0877057403 MOLEX9-0877057403 Datasheet
673Kb / 12P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length
0877057004 MOLEX9-0877057004 Datasheet
681Kb / 11P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 3.00mm (.118") Tail Length
0877057911 MOLEX9-0877057911 Datasheet
316Kb / 5P
   1.00mm (.039") Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.54mm (.100") Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
0877057456 MOLEX9-0877057456 Datasheet
1Mb / 22P
   1.00mm (.039) Pitch DDR-II DIMM 240 Circuits Socket, Vertical, 1.8 Voltage, 2.30mm (.091) Tail Length, Black Latches, Nylon 4/6 Glass-filled, Black Housing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com