Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75135-1009 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 75135-1009
Description  1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75135-1009 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  75135-1009 Datasheet HTML 1Page - Molex Electronics Ltd. 75135-1009 Datasheet HTML 2Page - Molex Electronics Ltd. 75135-1009 Datasheet HTML 3Page - Molex Electronics Ltd. 75135-1009 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Shielded
Yes
Voltage - Maximum
40V AC (RMS)
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0236
Product Specification
PS-75134-001
Sales Drawing
SD-75135-001
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 75135-1009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75135-1000 MOLEX9-75135-1000 Datasheet
145Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
More results

Similar Description - 75135-1009

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751351000 MOLEX9-0751351000 Datasheet
145Kb / 4P
   1.27mm (.050) Pitch DMS-59짰 Cable Plug Subassembly, Shielded
0751341001 MOLEX9-0751341001 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
0751341000 MOLEX9-0751341000 Datasheet
285Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 Receptacle, Shielded, Right Angle
0887685200 MOLEX10-0887685200 Datasheet
175Kb / 3P
   1.27mm (.050) Pitch DMS-59짰-to-Two VGA Adapters Cable Assembly, 0.20m (7.87) Length
0887685300 MOLEX10-0887685300 Datasheet
178Kb / 3P
   1.27mm (.050) Pitch DMS-59짰-to-Two DVI-I Adapters Cable Assembly, 0.20m (7.87) Length
0887685400 MOLEX10-0887685400 Datasheet
321Kb / 5P
   1.27mm (.050) Pitch DMS-59짰 -to-DVI-I(F)VGA(F) Adapter Cable Assembly, 0.20m (7.87) Length
0887685510 MOLEX10-0887685510 Datasheet
171Kb / 3P
   1.27mm (.050) Pitch DMS-59짰 (M)-to-Two DVI-D(M) Adapters Cable Assembly, 3.0m (9.84) Length
0887685500 MOLEX10-0887685500 Datasheet
114Kb / 2P
   1.27mm (.050) Pitch DMS-59짰 (M)-to-Two DVI-D(M) Adapters Cable Assembly, 2.0m (6.56) Length
0459703313 MOLEX6-0459703313 Datasheet
1Mb / 12P
   1.27mm (.050") x 1.27mm (.050") Pitch SEARAY* Plug
0716612080 MOLEX8-0716612080 Datasheet
283Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com