Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0749802512 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0749802512
Description  2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0749802512 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0749802512 Datasheet HTML 1Page - Molex Electronics Ltd. 0749802512 Datasheet HTML 2Page - Molex Electronics Ltd. 0749802512 Datasheet HTML 3Page - Molex Electronics Ltd. 0749802512 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0749802512

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749802513 MOLEX9-0749802513 Datasheet
432Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version
0749802514 MOLEX9-0749802514 Datasheet
435Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Guide Pin Signal Module
More results

Similar Description - 0749802512

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749801012 MOLEX9-0749801012 Datasheet
429Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246)
0749802502 MOLEX9-0749802502 Datasheet
425Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246")
0746961002 MOLEX8-0746961002 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 40 Circuits, Pin Length 6.25mm (.246")
0746501012 MOLEX8-0746501012 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Pin End Version, 60 Circuits, Pin Length 6.25mm (.246")
0746972502 MOLEX9-0746972502 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 100 Circuits, Pin Length 6.25mm (.246)
0746962512 MOLEX9-0746962512 Datasheet
377Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 100 Circuits, Pin Length 6.25mm (.246")
0746502502 MOLEX8-0746502502 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246")
0746502512 MOLEX8-0746502512 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246")
0746971002 MOLEX9-0746971002 Datasheet
379Kb / 5P
   2.00mm (.079) Pitch 5-Row VHDM-HSD??Backplane Header, Guide Pin Signal Module, Shield End Version, 40 Circuits, Pin Length 6.25mm (.246)
0746501002 MOLEX8-0746501002 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 60 Circuits, Pin Length 6.25mm (.246")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com