Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75783-0126 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75783-0126
Description  0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Universal Key
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75783-0126 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75783-0126 Datasheet HTML 1Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 2Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 3Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 4Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 5Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 6Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 7Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 8Page - Molex Electronics Ltd. 75783-0126 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757830126
Status:
Active
Overview:
ipass
Description:
0.80mm (.031") Pitch, iPass™ I/O SMT Receptacle, Right Angle, Internal Application,
36 Circuit, 0.38µm (15µ") Gold (Au), SMT Shell, Universal Key
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75783-001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
I/O Connectors
Series
75783
Application
Wire-to-Board
Comments
Positive or passive latching cable available
Component Type
Receptacle
Overview
ipass
Product Name
iPass™, PCI Express*, SAS, Serial ATA
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
36
Circuits (maximum)
36
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Gender
Receptacle
Keying to Mating Part
Yes
Lock to Mating Part
None
Material - Metal
Copper-Nickel-Zinc, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Right Angle
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75783Series
Mates With
iPass™ Cable Assemblies, 79575 , 79576
, 74562 , 74563 , 79536 , 74573 , 74569 ,
74586


Similar Part No. - 75783-0126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75783-0120 MOLEX9-75783-0120 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76關m (30關) Gold (Au), Retention Shell, Right Key
75783-0121 MOLEX9-75783-0121 Datasheet
9Mb / 98P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76關m (30關) Gold (Au), Retention Shell, Dual Key
75783-0122 MOLEX9-75783-0122 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76關m (30關") Gold (Au), SMT Shell, Left Key
75783-0123 MOLEX9-75783-0123 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76關m (30關") Gold (Au), SMT Shell, Right Key
75783-0124 MOLEX9-75783-0124 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit
More results

Similar Description - 75783-0126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757830111 MOLEX9-0757830111 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Right Key
0757830112 MOLEX9-0757830112 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Dual Key
0757840111 MOLEX9-0757840111 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Right Key
0757830148 MOLEX9-0757830148 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Universal Key
0757830108 MOLEX9-0757830108 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Retention Shell, Right Key
0757840126 MOLEX9-0757840126 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36Circuit, 0.38關m (15關") Gold (Au), SMT Shell, Universal Key
0757840110 MOLEX9-0757840110 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Left Key
0757840125 MOLEX9-0757840125 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關") Gold (Au), Retention Shell, Universal Key
0757830140 MOLEX9-0757830140 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Universal Key
0757830156 MOLEX9-0757830156 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Universal Key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com