Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75757-1141 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 75757-1141
Description  3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-1141 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  75757-1141 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-1141 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-1141 Datasheet HTML 3Page - Molex Electronics Ltd. 75757-1141 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0757571141
Status:
Active
Overview:
mx150_unshrouded_breakaway_header
Description:
3.50mm (.138") Pitch, MX150™ Header, Breakaway, Vertical, 8 Circuits, 2.5µm (100µ")
Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
Documents:
3D Model
Product Specification PS-75757-000 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
General
Product Family
PCB Headers
Series
75757
Application
Wire-to-Board
Comments
3.5 x 6.0mm (.138 x .236") dual row grid
Overview
mx150_unshrouded_breakaway_header
Product Name
MX150™
Physical
Breakaway
Yes
Circuits (Loaded)
8
Circuits (maximum)
8
Circuits Detail
8
Color - Resin
Black
Durability (mating cycles max)
25
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.120 In
PC Tail Length (mm)
3.05 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.138 In
Pitch - Mating Interface (mm)
3.50 mm
Pitch - Term. Interface (in)
0.138 In
Pitch - Term. Interface (mm)
3.50 mm
Plating min: Mating (µin)
100
Plating min: Mating (µm)
2.5
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.5
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75757Series
Mates With
33471 Single Row MX150™ Receptacles.
33472 Dual Row MX150™ Receptacles


Similar Part No. - 75757-1141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-1101 MOLEX9-75757-1101 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
75757-1121 MOLEX9-75757-1121 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 2.5關m (100關") Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
75757-1131 MOLEX9-75757-1131 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
75757-1161 MOLEX9-75757-1161 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
75757-1181 MOLEX9-75757-1181 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
More results

Similar Description - 75757-1141

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757571131 MOLEX9-0757571131 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571121 MOLEX9-0757571121 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 2.5關m (100關") Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
0757571441 MOLEX9-0757571441 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 1.5關m (60關")Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
0757571461 MOLEX9-0757571461 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571481 MOLEX9-0757571481 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571401 MOLEX9-0757571401 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571181 MOLEX9-0757571181 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
0757571161 MOLEX9-0757571161 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
0757571101 MOLEX9-0757571101 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 20 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length
0757576131 MOLEX9-0757576131 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 2.5關m (100關) Tin (Sn) Plating, 27.77mm (1.093) Mating Pin Length, 3.05mm (.120) PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com