Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876090071 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0876090071
Description  1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140) Tail Length
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876090071 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0876090071 Datasheet HTML 1Page - Molex Electronics Ltd. 0876090071 Datasheet HTML 2Page - Molex Electronics Ltd. 0876090071 Datasheet HTML 3Page - Molex Electronics Ltd. 0876090071 Datasheet HTML 4Page - Molex Electronics Ltd. 0876090071 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 04/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0876090071
Status:
Active
Description:
1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with
Beveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140") Tail Length,
0.38µm (15µ") Gold (Au) Plating, Right Function Key, Leadfree
Documents:
3D Model
Product Specification PS-87609-002 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
87609
Comments
<LI>Latches in Beige Color
Component Type
Memory Module
JEDEC Outline
MO-161
Product Name
DIMM
Physical
Circuits (Loaded)
168
Color - Resin
Black, Natural
Durability (mating cycles max)
25
Entry Angle
90° Angle (Side Entry)
Function Key
Right
Keying to Mating Part
Yes
Material - Metal
Brass, High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.140 In
PC Tail Length (mm)
3.56 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.110 In
PCB Thickness Recommended (mm)
2.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Plating min: Mating (µin)
15.2
Plating min: Mating (µm)
0.38
Plating min: Termination (µin)
101.6
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-10°C to +85°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Voltage Key
3.3V, Center
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
240
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87609Series
Mates With
JEDEC MO-161 modules


Similar Part No. - 0876090071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876090070 MOLEX9-0876090070 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140") Tail Length0.38關m (15關") Gold (Au) Plating, Center Function Key, Leadfree
0876090070 MOLEX11-0876090070 Datasheet
41Kb / 2P
   1.27mm Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key
More results

Similar Description - 0876090071

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876090062 MOLEX9-0876090062 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches
0876090171 MOLEX9-0876090171 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches
0876090069 MOLEX9-0876090069 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.56mm (.140") Tail Length,
0876090153 MOLEX9-0876090153 Datasheet
302Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090152 MOLEX9-0876090152 Datasheet
302Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110") Tail Length
0876090052 MOLEX9-0876090052 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090051 MOLEX9-0876090051 Datasheet
303Kb / 5P
   1.27mm (.050) Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110) Tail Length
0876090061 MOLEX9-0876090061 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 3.18mm (.125") Tail Length,
0876090151 MOLEX9-0876090151 Datasheet
302Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, withBeveled Metal Pins and Plastic Pegs, with Beige Latches, 2.79mm (.110") Tail Length
0876090053 MOLEX9-0876090053 Datasheet
303Kb / 5P
   1.27mm (.050") Pitch DIMM 8-Byte Socket, Right Angle, Multi-Key, 168 Circuits, with Beveled Metal Pins
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com