Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876963012 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0876963012
Description  6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 26 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876963012 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0876963012 Datasheet HTML 1Page - Molex Electronics Ltd. 0876963012 Datasheet HTML 2Page - Molex Electronics Ltd. 0876963012 Datasheet HTML 3Page - Molex Electronics Ltd. 0876963012 Datasheet HTML 4Page - Molex Electronics Ltd. 0876963012 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 0876963012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876963010 MOLEX9-0876963010 Datasheet
253Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 36 Circuits, Power
More results

Similar Description - 0876963012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876963010 MOLEX9-0876963010 Datasheet
253Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, Screw Mount, Long Contacts, 36 Circuits, Power
0876674014 MOLEX9-0876674014 Datasheet
293Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 26 Circuits, Signal 20
0876674013 MOLEX9-0876674013 Datasheet
293Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 24 Circuits
0876674007 MOLEX9-0876674007 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 34 Circuits
0876674008 MOLEX9-0876674008 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 32 Circuits
0876962010 MOLEX9-0876962010 Datasheet
296Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??Pa- S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876962003 MOLEX9-0876962003 Datasheet
296Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??Pa-S Header, Through Hole, Right Angle, with Beveled Metal Pins, Long Contacts
0876674015 MOLEX9-0876674015 Datasheet
294Kb / 5P
   6.35mm (.250) Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??S-Pb Header, Through Hole, Right Angle, Screw Mount, Long Blade, 30 Circuits, Signal 24
0876313028 MOLEX9-0876313028 Datasheet
451Kb / 6P
   6.35mm (.250) Pitch Power, 2.54mm (.100) Pitch Signal, EXTreme PowerPlus??PS-P Header, Through Hole, Right Angle, Long Contacts, 28 Circuits
0876312013 MOLEX9-0876312013 Datasheet
376Kb / 5P
   6.35mm (.250") Pitch Power, 2.54mm (.100") Pitch Signal, EXTreme PowerPlus??PS- P Header, Through Hole, Right Angle, Long Contacts, 48 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com