Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0757840108 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0757840108
Description  0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Retention Shell, Right Key
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0757840108 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0757840108 Datasheet HTML 1Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 2Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 3Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 4Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 5Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 6Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 7Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 8Page - Molex Electronics Ltd. 0757840108 Datasheet HTML 9Page - Molex Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Termination Interface: Style
Surface Mount, Through Hole - Kinked Pin
Waterproof / Dustproof
No
Electrical
Current - Maximum per Contact
0.5A
Grounding to Panel
None
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
30V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability
Reflow Capable (SMT only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-75783-001
Packaging Specification
PK-75783-001
Sales Drawing
SD-75784-001
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0757840108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757840108 MOLEX1-0757840108_17 Datasheet
36Kb / 2P
   iPass I/O Surface Mount Receptacle, 0.80mm Pitch, Vertical, Internal Assembly
More results

Similar Description - 0757840108

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757840125 MOLEX9-0757840125 Datasheet
1Mb / 14P
   0.80mm (.031") Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關") Gold (Au), Retention Shell, Universal Key
0757830108 MOLEX9-0757830108 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Retention Shell, Right Key
0757840111 MOLEX9-0757840111 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Right Key
0757830109 MOLEX9-0757830109 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Retention Shell, Dual Key
0757840110 MOLEX9-0757840110 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Left Key
0757830111 MOLEX9-0757830111 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Right Key
0757840120 MOLEX9-0757840120 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.76關m (30關) Gold (Au), Retention Shell, Right Key
0757840130 MOLEX9-0757840130 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Vertical, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), Through Hole Shell, Right Key
0757830112 MOLEX9-0757830112 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Dual Key
0757830126 MOLEX9-0757830126 Datasheet
1Mb / 14P
   0.80mm (.031) Pitch, iPass??I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38關m (15關) Gold (Au), SMT Shell, Universal Key
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com