Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0751941003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0751941003
Description  2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 4.25mm (.167)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751941003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0751941003 Datasheet HTML 1Page - Molex Electronics Ltd. 0751941003 Datasheet HTML 2Page - Molex Electronics Ltd. 0751941003 Datasheet HTML 3Page - Molex Electronics Ltd. 0751941003 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Data Rate
622.0 Mbps
Real Signals (per 25mm)
72
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-74057-003
Product Specification
PS-74031-999
Sales Drawing
SD-75194-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
6 Row by 10 Wide,
20.00mm (.787")
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0751941003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751941001 MOLEX9-0751941001 Datasheet
219Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 4.75mm (.187")
0751941002 MOLEX9-0751941002 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 6.25mm (.246)
0751941004 MOLEX9-0751941004 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 5.15mm (.203)
More results

Similar Description - 0751941003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0751942503 MOLEX9-0751942503 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 150 Circuits, Pin Length 4.25mm (.167)
0751972503 MOLEX9-0751972503 Datasheet
241Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite Board-to-Board Backplane Header, Vertical, 8-Row, Open Signal Module, 200 circuits, Pin Length 4.25mm (.167)
0751971003 MOLEX9-0751971003 Datasheet
241Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite Board-to-Board Backplane Header, Vertical, 8-Row, Open Signal Module, 80 circuits, Pin Length 4.25mm (.167)
0740602503 MOLEX8-0740602503 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 200 Circuits, Pin Length 4.25mm (.167")
0740601003 MOLEX8-0740601003 Datasheet
283Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 8-Row,Open Signal Module, 80 Circuits, Pin Length 4.25mm (.167")
0740581023 MOLEX8-0740581023 Datasheet
337Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 60 Circuits, Pin Length 4.25mm (.167")
0751941004 MOLEX9-0751941004 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 5.15mm (.203)
0751941001 MOLEX9-0751941001 Datasheet
219Kb / 4P
   2.00mm (.079") Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 4.75mm (.187")
0740582503 MOLEX8-0740582503 Datasheet
215Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Backplane Header, Vertical, 6-Row, PinEnd Version, 150 Circuits, Pin Length 4.25mm (.167")
0751941002 MOLEX9-0751941002 Datasheet
219Kb / 4P
   2.00mm (.079) Pitch VHDM짰 Lite-Series, Board-to-Board Backplane Header, Vertical, 6-Row, Open Signal Module, 60 Circuits, Pin Length 6.25mm (.246)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com