Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0758856870 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0758856870
Description  2.00mm (.079) Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle, 6-Row, 2 Blades Power Module, 1 Circuit, Lead Free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0758856870 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0758856870 Datasheet HTML 1Page - Molex Electronics Ltd. 0758856870 Datasheet HTML 2Page - Molex Electronics Ltd. 0758856870 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
10A
Data Rate
2.5 Gbps
Real Signals (per 25mm)
0
Shielded
No
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-200
Sales Drawing
SD-75885-001
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0758856870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758856410 MOLEX9-0758856410 Datasheet
126Kb / 3P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle, 6-Row, 2 Blade Power Module, 2 Circuits
More results

Similar Description - 0758856870

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0740266110 MOLEX8-0740266110 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle,6-Row, 2 Blade Power Module, 1 Circuit
0740266320 MOLEX8-0740266320 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle, 6-Row, 2 Blade Power Module, 1 Circuit
0740266430 MOLEX8-0740266430 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle,6-Row, 2 Blade Power Module, 1 Circuit
0740266220 MOLEX8-0740266220 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
0740266420 MOLEX8-0740266420 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
0740266410 MOLEX8-0740266410 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle6-Row, 2 Blade Power Module, 1 Circuit
0758856410 MOLEX9-0758856410 Datasheet
126Kb / 3P
   2.00mm (.079) Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle, 6-Row, 2 Blade Power Module, 2 Circuits
0740266240 MOLEX8-0740266240 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle
0740266330 MOLEX8-0740266330 Datasheet
122Kb / 3P
   2.00mm (.079") Pitch VHDM Board-to-Board Daughtercard Receptacle, Right Angle, 6-Row, 2 Blade
0740410001 MOLEX8-0740410001 Datasheet
226Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, Custom, 74040
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com