Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850010191 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850010191
Description  2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available, 64 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850010191 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850010191 Datasheet HTML 1Page - Molex Electronics Ltd. 0850010191 Datasheet HTML 2Page - Molex Electronics Ltd. 0850010191 Datasheet HTML 3Page - Molex Electronics Ltd. 0850010191 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/09/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850010191
Status:
Active
Overview:
IEC 603-2 / DIN 41612
Description:
2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6µm
(24µ") Selective Gold (Au), Fixing Clip available, 64 Circuits
Documents:
3D Model
Product Specification PS-85003-0001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85001
Application
Daughtercard
Component Type
PCB Header
Overview
IEC 603-2 / DIN 41612
Product Name
IEC 603-2/DIN 41612
Style
B
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Durability (mating cycles max)
400
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Number of Columns
16
Number of Pairs
Open Pin Field
Number of Rows
2
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Temperature Range - Operating
-55°C to +125°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1.5A
Data Rate
622.0 Mbps
Voltage - Maximum
250V AC (RMS)
Material Info
Reference - Drawing Numbers
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85001Series
Mates With
DIN 41612 Receptacle 85040 , 85050


Similar Part No. - 0850010191

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850010012 MOLEX9-0850010012 Datasheet
113Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
0850010036 MOLEX9-0850010036 Datasheet
115Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850010050 MOLEX9-0850010050 Datasheet
116Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 32 Circuits
0850010074 MOLEX9-0850010074 Datasheet
113Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available ,32 Circuits
0850010086 MOLEX9-0850010086 Datasheet
208Kb / 6P
   2.54mm (.100") Pitch DIN 41612 B Style Male Header, PCT, Right Angle, Through Hole, 0.60關m (24關") Selective Gold (Au) Plating, 32
More results

Similar Description - 0850010191

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850010074 MOLEX9-0850010074 Datasheet
113Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), Fixing Clip available ,32 Circuits
0850010036 MOLEX9-0850010036 Datasheet
115Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850010385 MOLEX9-0850010385 Datasheet
116Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 64 Circuits
0850030127 MOLEX9-0850030127 Datasheet
159Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 64 Circuits
0850030153 MOLEX9-0850030153 Datasheet
84Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 64 Circuits
0850010050 MOLEX9-0850010050 Datasheet
116Kb / 4P
   2.54mm (.100") Pitch DIN 41612 Header, Style B, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), 32 Circuits
0850010012 MOLEX9-0850010012 Datasheet
113Kb / 4P
   2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 32 Circuits
0850010373 MOLEX9-0850010373 Datasheet
183Kb / 5P
   2.54mm (.100) Pitch DIN 41612 Header, Style B/2, Right Angle, Through Hole, 0.6關m (24關) Selective Gold (Au), 16 Circuits
0850030309 MOLEX9-0850030309 Datasheet
84Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Style C, Right Angle, Through Hole, 0.6關m (24關") Selective Gold (Au), Board Lock , 64 Circuits
0850030646 MOLEX9-0850030646 Datasheet
99Kb / 3P
   2.54mm (.100") Pitch DIN 41612 Header, Right Angle, Through Hole, Style C, 0.6關m (24關") Selective Gold (Au), 64 Circuits, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com