Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78315-0001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 78315-0001
Description  1.00mm (.039) Pitch DDR3 DIMM Socket, Very Low Profile, Vertical, Press-Fit, with Pegs, Black Housing and Latches, 0.76關m (30關) Gold (Au)Plating
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

78315-0001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  78315-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 4Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 5Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 6Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 7Page - Molex Electronics Ltd. 78315-0001 Datasheet HTML 8Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0783150001
Status:
Active
Description:
1.00mm (.039") Pitch DDR3 DIMM Socket, Very Low Profile, Vertical, Press-Fit, with
Pegs, Black Housing and Latches, 0.76µm (30µ") Gold (Au)Plating, 1.85mm (.073")
Compliant Pin Length, 2.40mm (.094") PCB Thickness, 240 Circuits, Lead free
Documents:
3D Model
Product Specification PS-78315-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Memory Module Sockets
Series
78315
Component Type
Socket
JEDEC Outline
MO-269
Product Name
DDR3 DIMM
Physical
Circuits (Loaded)
240
Circuits (maximum)
240
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical
Flammability
94V-0
Function Key
None
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
PC Tail Length (in)
0.073 In
PC Tail Length (mm)
1.85 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.095 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Pitch - Term. Interface (in)
0.039 In
Pitch - Term. Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
15
Plating min: Termination (µm)
0.38
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V AC (RMS)/DC
Voltage Key
Center
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78315Series
Mates With
JEDEC standard 1.27mm modules


Similar Part No. - 78315-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
78315-0011 MOLEX9-78315-0011 Datasheet
526Kb / 8P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Very Low Profile, Vertical, Press-Fit, with Pegs, Black Housing and Latches, 0.76關m (30關) Gold (Au)Plating
More results

Similar Description - 78315-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0783150011 MOLEX9-0783150011 Datasheet
526Kb / 8P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Very Low Profile, Vertical, Press-Fit, with Pegs, Black Housing and Latches, 0.76關m (30關) Gold (Au)Plating
0780790011 MOLEX9-0780790011 Datasheet
820Kb / 10P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關) Gold (Au) Plating
0780790012 MOLEX9-0780790012 Datasheet
820Kb / 10P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關) Gold (Au) Plating
0783210012 MOLEX9-0783210012 Datasheet
719Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關") Gold (Au) Plating
0780790021 MOLEX9-0780790021 Datasheet
822Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.076關m (3關") Gold (Au) Plating
0780790002 MOLEX9-0780790002 Datasheet
820Kb / 10P
   1.00mm (.039") Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.38關m (15關") Gold (Au) Plating
0785430151 MOLEX9-0785430151 Datasheet
763Kb / 9P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Off-White Housing and Latches, 0.38關m (15關) Gold (Au) Plating
0780790101 MOLEX9-0780790101 Datasheet
1Mb / 18P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Off-White Housing and Latches, 0.38關m (15關) Gold (Au) Plating
0785430051 MOLEX9-0785430051 Datasheet
763Kb / 9P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing, Off-White Latches, 0.38關m (15關) Gold(Au) Plating
0780790052 MOLEX9-0780790052 Datasheet
820Kb / 10P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing, Off-White Latches, 0.38關m (15關) Gold(Au) Plating
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com