Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0850091093 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0850091093
Description  2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0850091093 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0850091093 Datasheet HTML 1Page - Molex Electronics Ltd. 0850091093 Datasheet HTML 2Page - Molex Electronics Ltd. 0850091093 Datasheet HTML 3Page - Molex Electronics Ltd. 0850091093 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0850091093
Status:
Active
Overview:
din_41612
Description:
2.54mm (.100") Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24
Circuits, without Mounting Clips, No Flux Proof
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-85003-0001 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Backplane Connectors
Series
85009
Application
Backplane
Comments
No Mounting Clips. No Flux Proof
Component Type
PCB Header
Overview
din_41612
Product Name
IEC 603-2/DIN 41612
Style
M
Physical
Circuits (Loaded)
24
Circuits (maximum)
24
Circuits Detail
First-Mate-Last-Break Contacts at: X:c13-c20; Y:b13-
b20; Z:a13-a20
Durability (mating cycles max)
400
First Mate / Last Break
Yes
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Columns
8
Number of Pairs
Open Pin Field
Number of Rows
3
Orientation
Right Angle
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Locator
No
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
24
Plating min: Mating (µm)
0.60
Plating min: Termination (µin)
98
Plating min: Termination (µm)
2.5
Polarized to PCB
Yes
Stackable
No
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
85009Series


Similar Part No. - 0850091093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850091005 MOLEX9-0850091005 Datasheet
151Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
0850091081 MOLEX9-0850091081 Datasheet
155Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
More results

Similar Description - 0850091093

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0850091081 MOLEX9-0850091081 Datasheet
155Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
0850091005 MOLEX9-0850091005 Datasheet
151Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof
0850090062 MOLEX9-0850090062 Datasheet
149Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 60 Circuits, without Mounting Clips, No Flux Proof
0850090086 MOLEX9-0850090086 Datasheet
165Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 60 Circuits, without Mounting Clips, No Flux Proof
0850099004 MOLEX9-0850099004 Datasheet
176Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 24 Circuits, without Mounting Clips, No Flux Proof, Lead free
0850091110 MOLEX9-0850091110 Datasheet
149Kb / 4P
   2.54mm (.100) Pitch DIN 41612 M Style Male Header, Right Angle, Through Hole, 28 Circuits, with Mounting Clips, No Flux Proof
0850039055 MOLEX9-0850039055 Datasheet
201Kb / 4P
   2.54mm (.100) Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 48 Circuits, without Mounting Clips, No Flux Proof, Lead free
0850039054 MOLEX9-0850039054 Datasheet
100Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 96 Circuits, with Mounting Clips, No Flux Proof, Lead free
0850039048 MOLEX9-0850039048 Datasheet
187Kb / 4P
   2.54mm (.100") Pitch DIN 41612 C/2 Style Male Header, Right Angle, Through Hole, 48Circuits, with Mounting Clips, No Flux Proof, Lead free
0850039053 MOLEX9-0850039053 Datasheet
97Kb / 3P
   2.54mm (.100) Pitch DIN 41612 C Style Male Header, Right Angle, Through Hole, 63 Circuits, No Mounting Clips, No Flux Proof, Void Pin A21, Lead free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com