Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87758-3617 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87758-3617
Description  2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 36 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87758-3617 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87758-3617 Datasheet HTML 1Page - Molex Electronics Ltd. 87758-3617 Datasheet HTML 2Page - Molex Electronics Ltd. 87758-3617 Datasheet HTML 3Page - Molex Electronics Ltd. 87758-3617 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
125V
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
250
Material Info
Reference - Drawing Numbers
Product Specification
PS-87761-100
Sales Drawing
SD-87758-107
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87758-3617

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87758-3616 MOLEX9-87758-3616 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid Header, Through Hole, Vertical, 36 Circuits
More results

Similar Description - 87758-3617

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877583017 MOLEX9-0877583017 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877583417 MOLEX9-0877583417 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 34 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581217 MOLEX9-0877581217 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877584217 MOLEX9-0877584217 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 42 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877580817 MOLEX9-0877580817 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 8 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581617 MOLEX9-0877581617 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877582817 MOLEX9-0877582817 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 28 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877580617 MOLEX9-0877580617 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 6 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877583817 MOLEX9-0877583817 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 38 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581417 MOLEX9-0877581417 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 14 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com