Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI7330A Datasheet(PDF) 3 Page - Sanken electric

Part # SI7330A
Description  Unipolar Driver ICs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI7330A Datasheet(HTML) 3 Page - Sanken electric

  SI7330A Datasheet HTML 1Page - Sanken electric SI7330A Datasheet HTML 2Page - Sanken electric SI7330A Datasheet HTML 3Page - Sanken electric SI7330A Datasheet HTML 4Page - Sanken electric SI7330A Datasheet HTML 5Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
31
SI-7300 and SI-7330A
Application Note
s Determining the output
current IO (motor coil current)
The output current, lo is fixed by the following circuit ele-
ments:
RS
:
Current detection resistor
VCC2 :
Supply voltage
RX
:
Variable current resistor
To operate a motor at maximum current level, set Rx =
infinity (open). Based on the specifications of SI-7300A, its
output current lo can be seen as:
lo (rms value): 535 to 625 mA
To compute lo when different values are used for Rs and
VCC2, use the approximation formula below. The maximum
ripple value IOH of the output current waveform can be
computed as follows:
1
lOH(max) =
(0.233•VCC2–0.026) [A]
RS
1
lOH(min) =
(0.214•VCC2–0.021) [A]
RS
The graph of this equation is shown below.
.
.
.
.
s Power down mode
The SI-7300A can be operated in power down mode. The
circuit is shown below. When transistor Tr is switched on,
the reference voltage drops and the output current can be
decreased.
Waveform of output current
IOH
Rx
Tr
2
SI-7300A
SI-7300A Pull-out torque
τout
vs. Response frequency
500
1000
5000
0
1
2
3
4
5
Motor
23PM-C108
VCC1=30V
IO=1.2A/
(Fixed)
2-phase excitation
VZ=60V
Response frequency f (pps)
φ
s Example of a Frequency vs.
Torque characteristic
The graph shows the relation-
ship between frequency and
pull-out torque of SI-7300A.
4
3
2
01
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
4
3
2
01
0
1
2
3
SI-7300A Output current IOH vs. Current detection resistor Rs
Current detection resistor Rs (
Ω)
SI-7330A Output current IOH vs. Current detection resistor Rs
max
V
CC2=5V
min
V
CC2=5V
IOH(max)
1
Rs
(0.233VCC2–0.026)
IOH(min)
1
Rs
(0.214VCC2–0.021)
Current detection resistor Rs (
Ω)
4
3
2
01
0
1
2
3
Variable current resistor Rx (k
Ω)
4
3
2
01
0
0.2
1.0
1.6
Variable current resistor Rx (k
Ω)
1.4
1.2
0.8
0.4
0.6
SI-7300A Output current IOH vs. Variable current resistor RX
max Rs
= 0.7
min
max Rs
= 1Ω
min
SI-7330A Output current IOH vs. Variable current resistor RX
Rs = 0.3
Rs = 0.8Ω
IOH(max) 1
Rs
1.131
4.843+ 4.9
Rx
VCC2 – 0.026
IOH(min)
1
Rs
1.107
5.165+ 5.1
Rx
VCC2 – 0.021
*Rx : kΩ


Similar Part No. - SI7330A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI7336ADP VISHAY-SI7336ADP Datasheet
34Kb / 2P
   SI7336ADP
05-Jan-05
SI7336ADP-T1-E3 VISHAY-SI7336ADP-T1-E3 Datasheet
145Kb / 8P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 03-Mar-08
SI7336ADP VISHAY-SI7336ADP_V01 Datasheet
296Kb / 12P
   N-Channel 30-V (D-S) MOSFET
01-Jan-2022
SI7336DP VISHAY-SI7336DP Datasheet
60Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 04-Oct-04
SI7336DP VISHAY-SI7336DP Datasheet
34Kb / 2P
   SI7336ADP
05-Jan-05
More results

Similar Description - SI7330A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7020M SANKEN-SLA7020M Datasheet
99Kb / 10P
   Unipolar Driver ICs
SI-7115B SANKEN-SI-7115B Datasheet
41Kb / 5P
   Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7080MPR SANKEN-SLA7080MPR Datasheet
297Kb / 18P
   Unipolar 2-Phase Stepping Motor Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
logo
Rohm
BU52012HFV-TR ROHM-BU52012HFV-TR Datasheet
387Kb / 20P
   Unipolar Detection Hall ICs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com