Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87758-3417 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87758-3417
Description  2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 34 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87758-3417 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87758-3417 Datasheet HTML 1Page - Molex Electronics Ltd. 87758-3417 Datasheet HTML 2Page - Molex Electronics Ltd. 87758-3417 Datasheet HTML 3Page - Molex Electronics Ltd. 87758-3417 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0877583417
Status:
Active
Overview:
milligrid
Description:
2.00mm (.079") Pitch Milli-Grid™ Header, Through Hole, Vertical, 34 Circuits, 0.76µm
(30µ") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-87761-100 (PDF)
Agency Certification
UL
E29179
General
Product Family
PCB Headers
Series
87758
Application
Board-to-Board
Overview
milligrid
Product Name
Milli-Grid™
Physical
Breakaway
Yes
Circuits (Loaded)
34
Circuits (maximum)
34
Color - Resin
Black
Durability (mating cycles max)
100
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Mated Height (in)
0.157 In
Mated Height (mm)
4.00 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
2
Orientation
Vertical
PC Tail Length (in)
0.102 In
PC Tail Length (mm)
2.60 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87758Series
Mates With
79107 Milli-Grid™ Receptacle, Vertical,
Through Hole. 79108 Milli-Grid™ Flex-to-
Board, Vertical Receptacle. Milli-Grid™
Receptacle, Surface Mount. 79109. 87381


Similar Part No. - 87758-3417

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87758-3416 MOLEX9-87758-3416 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
More results

Similar Description - 87758-3417

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877583017 MOLEX9-0877583017 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 30 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877583617 MOLEX9-0877583617 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 36 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581217 MOLEX9-0877581217 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 12 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877584217 MOLEX9-0877584217 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 42 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877580817 MOLEX9-0877580817 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 8 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581617 MOLEX9-0877581617 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 16 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877582817 MOLEX9-0877582817 Datasheet
182Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Through Hole, Vertical, 28 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877580617 MOLEX9-0877580617 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 6 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877583817 MOLEX9-0877583817 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 38 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
0877581417 MOLEX9-0877581417 Datasheet
182Kb / 4P
   2.00mm (.079") Pitch Milli-Grid??Header, Through Hole, Vertical, 14 Circuits, 0.76關m(30關") Gold (Au) Selective Plating, Pocket Tray Packaging, Lead-free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com