Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87263-1893 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 87263-1893
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 18 Circuits, with Pick-and-Place Cap
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87263-1893 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  87263-1893 Datasheet HTML 1Page - Molex Electronics Ltd. 87263-1893 Datasheet HTML 2Page - Molex Electronics Ltd. 87263-1893 Datasheet HTML 3Page - Molex Electronics Ltd. 87263-1893 Datasheet HTML 4Page - Molex Electronics Ltd. 87263-1893 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 87263-1893

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87263-1803 MOLEX9-87263-1803 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 18 Circuits, with Pick-and-Place Cap, Tube, Leadfree
87263-1823 MOLEX9-87263-1823 Datasheet
367Kb / 5P
   1.00mm (.039
87263-1825 MOLEX9-87263-1825 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Bottom Entry, 0.76um (30u") Gold (Au) Selective
More results

Similar Description - 87263-1893

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872631093 MOLEX9-0872631093 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 10 Circuits, with Pick-and-Place Cap
0872630893 MOLEX9-0872630893 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 8 Circuits, with Pick-and-Place Cap
0872632893 MOLEX9-0872632893 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關") Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap
0872631493 MOLEX9-0872631493 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 14 Circuits, with Pick-and-Place Cap
0872631803 MOLEX9-0872631803 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 18 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631203 MOLEX9-0872631203 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 12 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632803 MOLEX9-0872632803 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632003 MOLEX9-0872632003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 20 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631003 MOLEX9-0872631003 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 10 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872633003 MOLEX9-0872633003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 30 Circuits, with Pick-and-Place Cap, Tube, Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com