Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

78125-0001 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 78125-0001
Description  1.00mm (.039) Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Surface Mount, 1.8 V, Center Keys, Black Latches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

78125-0001 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  78125-0001 Datasheet HTML 1Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 2Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 3Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 4Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 5Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 6Page - Molex Electronics Ltd. 78125-0001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 78125-0001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
7812 MOTOROLA-7812 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
National Semiconductor ...
7812 NSC-7812 Datasheet
147Kb / 8P
   Series Voltage Regulators
logo
Analog Devices
7812 AD-7812 Datasheet
200Kb / 19P
   2.7 V to 5.5 V, 350 kSPS, 10-Bit 4-/8-Channel Sampling ADCs
REV. B
logo
KEC(Korea Electronics)
7812 KEC-7812 Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
List of Unclassifed Man...
7812 ETC1-7812 Datasheet
253Kb / 2P
   LINEAR INTEGRATED CIRCUITS 3-TERMINAL VOLATGE REGULATORS
More results

Similar Description - 78125-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0781250008 MOLEX9-0781250008 Datasheet
592Kb / 9P
   1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Surface Mount, 1.8 V, Center Keys
0780658001 MOLEX9-0780658001 Datasheet
316Kb / 6P
   1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys
0780658102 MOLEX9-0780658102 Datasheet
313Kb / 6P
   1.00mm (.039") Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165") Tail Length, Black Latches, 240 Circuits
0780658002 MOLEX9-0780658002 Datasheet
316Kb / 6P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Press-fit, 1.8V Center Keys, 4.20mm (.165) Tail Length, Black Latches, 240 Circuits
0879660001 MOLEX10-0879660001 Datasheet
399Kb / 7P
   1.00mm (.039) Pitch DDR2 DIMM Socket, Vertical, Surface Mount, Center Keys, Black Latches, with Beveled Metal Pins, 240 Circuits, Lead-free
0781250001 MOLEX11-0781250001 Datasheet
31Kb / 2P
   1.00mm Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Surface Mount
0781250008 MOLEX11-0781250008 Datasheet
31Kb / 2P
   1.00mm Pitch DDR2 DIMM Socket, Very Low Profile, Vertical, Surface Mount
0877050021 MOLEX9-0877050021 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0877050051 MOLEX9-0877050051 Datasheet
467Kb / 8P
   1.00mm (.039") Pitch DDR-II DIMM Socket, Vertical, Center Keys, 2.67mm (.105") Tail Length, Beige Latches
0877051053 MOLEX11-0877051053 Datasheet
28Kb / 2P
   1.00mm Pitch DDR-II DIMM Socket, Vertical, Center Keys
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com