Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87263-0696 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 87263-0696
Description  2.00mm (.079) Pitch Milli-Grid??Receptacle, SMT, Bottom Entry, 0.13關m (5關) Gold (Au) Selective, 6 Circuits, with Pick-and-Place Cap, Tape on Reel, Leadfree
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

87263-0696 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  87263-0696 Datasheet HTML 1Page - Molex Electronics Ltd. 87263-0696 Datasheet HTML 2Page - Molex Electronics Ltd. 87263-0696 Datasheet HTML 3Page - Molex Electronics Ltd. 87263-0696 Datasheet HTML 4Page - Molex Electronics Ltd. 87263-0696 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/17/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0872630696
Status:
Active
Description:
2.00mm (.079") Pitch Milli-Grid™ Receptacle, SMT, Bottom Entry, 0.13µm (5µ") Gold
(Au) Selective, 6 Circuits, with Pick-and-Place Cap, Tape on Reel, Leadfree
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Receptacles
Series
87263
Application
Board-to-Board
Product Name
Milli-Grid™
Physical
Circuits (Loaded)
6
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Number of Rows
2
Orientation
Bottom Entry
PCB Locator
Yes
PCB Retention
None
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
5
Plating min: Mating (µm)
0.13
Polarized to Mating Part
No
Polarized to PCB
Yes
Robotic Placement
Pick and Place Cap
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
125V
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87263-**2*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87263Series
Mates With
87759 Vertical, Surface Mount, Stackable
PCB Headers, 87760 Right Angle, Through
Hole, Stackable PCB Headers, 87758
Vertical, Through Hole, Stackable PCB
Headers
This document was generated on 05/17/2010


Similar Part No. - 87263-0696

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87263-0603 MOLEX9-87263-0603 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Bottom Entry, 0.38um (15u") Gold (Au) Selective
87263-0625 MOLEX9-87263-0625 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid Receptacle, Surface Mount, Bottom Entry, 0.76um (30u") Gold (Au) Selective
More results

Similar Description - 87263-0696

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0872633296 MOLEX9-0872633296 Datasheet
368Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, SMT, Bottom Entry, 0.13關m (5關) Gold (Au) Selective, 32 Circuits, with Pick-and-Place Cap, Tape onReel, Leadfree
0872633693 MOLEX9-0872633693 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 36 Circuits, with Pick-and- Place Cap, Tape on Reel
0872631495 MOLEX9-0872631495 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.76關m(30關") Gold (Au) Selective, 14 Circuits, with Pick-and-Place Cap, Embossed Tape onReel, Leadfree
0872632493 MOLEX9-0872632493 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 24 Circuits, with Pick-and-Place Cap, Embossed Tape onReel, Leadfree
0872631203 MOLEX9-0872631203 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 12 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631005 MOLEX9-0872631005 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.76關m (30關) Gold (Au) Selective, 10 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632803 MOLEX9-0872632803 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 28 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872632003 MOLEX9-0872632003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 20 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872631003 MOLEX9-0872631003 Datasheet
367Kb / 5P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m (15關) Gold (Au) Selective, 10 Circuits, with Pick-and-Place Cap, Tube, Leadfree
0872633003 MOLEX9-0872633003 Datasheet
367Kb / 5P
   2.00mm (.079") Pitch Milli-Grid??Receptacle, Surface Mount, Bottom Entry, 0.38關m(15關") Gold (Au) Selective, 30 Circuits, with Pick-and-Place Cap, Tube, Leadfree
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com