Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75757-1221 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 75757-1221
Description  3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

75757-1221 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  75757-1221 Datasheet HTML 1Page - Molex Electronics Ltd. 75757-1221 Datasheet HTML 2Page - Molex Electronics Ltd. 75757-1221 Datasheet HTML 3Page - Molex Electronics Ltd. 75757-1221 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 75757-1221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75757-1201 MOLEX-75757-1201 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
75757-1201 MOLEX9-75757-1201 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150 Header, Breakaway, Vertical, 20 Circuits, Gold (Au) Flash Plating
75757-1202 MOLEX-75757-1202 Datasheet
240Kb / 2P
   MX150??Dual-Row Unshrouded Breakaway Header
75757-1231 MOLEX9-75757-1231 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
75757-1241 MOLEX9-75757-1241 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
More results

Similar Description - 75757-1221

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0757571231 MOLEX9-0757571231 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571241 MOLEX9-0757571241 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571261 MOLEX9-0757571261 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, Gold (Au) Flash Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571281 MOLEX9-0757571281 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, Gold (AuFlash Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
0757571121 MOLEX9-0757571121 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 4 Circuits, 2.5關m (100關") Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
0757571131 MOLEX9-0757571131 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 6 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571461 MOLEX9-0757571461 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 12 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571481 MOLEX9-0757571481 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 16 Circuits, 1.5關m (60關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
0757571441 MOLEX9-0757571441 Datasheet
177Kb / 4P
   3.50mm (.138") Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 1.5關m (60關")Tin (Sn) Plating, 11.20mm (.441") Mating Pin Length, 3.05mm (.120") PC Tail Length
0757571141 MOLEX9-0757571141 Datasheet
177Kb / 4P
   3.50mm (.138) Pitch, MX150??Header, Breakaway, Vertical, 8 Circuits, 2.5關m (100關) Tin (Sn) Plating, 11.20mm (.441) Mating Pin Length, 3.05mm (.120) PC Tail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com