Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0876411002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0876411002
Description  1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76關m (30關) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876411002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0876411002 Datasheet HTML 1Page - Molex Electronics Ltd. 0876411002 Datasheet HTML 2Page - Molex Electronics Ltd. 0876411002 Datasheet HTML 3Page - Molex Electronics Ltd. 0876411002 Datasheet HTML 4Page - Molex Electronics Ltd. 0876411002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
263
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87641-001
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0876411002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876411001 MOLEX9-0876411001 Datasheet
289Kb / 5P
   1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 80 Circuits, 0.76關m (30關) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free
More results

Similar Description - 0876411002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876411012 MOLEX9-0876411012 Datasheet
264Kb / 5P
   1.27mm (.050") Pitch SCA-2 Plug, Surface Mount, Right Angle, 40 Circuits, 0.76關m(30關") Gold (Au) Plating, with Metal Locating Pegs, Lead-free
0876411001 MOLEX9-0876411001 Datasheet
289Kb / 5P
   1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 80 Circuits, 0.76關m (30關) Gold (Au) Plating, with Plastic Locating Pegs, Lead-free
0876411011 MOLEX9-0876411011 Datasheet
264Kb / 5P
   1.27mm (.050) Pitch SCA-2 Plug, Surface Mount, Right Angle, 80 Circuits, 0.76關m (30關) Gold (Au) Plating, with Metal Locating Pegs, Lead-free
0876890004 MOLEX9-0876890004 Datasheet
268Kb / 5P
   1.27mm (.050) Pitch SCA-2 Plug, Straddle Mount, Right Angle, Lead-free, 40 Circuits, 0.76關m (30關) Gold (Au) Plating
0876890003 MOLEX9-0876890003 Datasheet
267Kb / 5P
   1.27mm (.050") Pitch SCA-2 Plug, Straddle Mount, Right Angle, Lead-free, 80 Circuits, 0.76關m (30關") Gold (Au) Plating
0784770001 MOLEX9-0784770001 Datasheet
353Kb / 6P
   1.27mm (.050") Pitch SAS Plug, Straddle Mount, 0.76關m (30關") Gold (Au) Plating, 22 Circuits, Lead-free
0783940002 MOLEX9-0783940002 Datasheet
294Kb / 6P
   0.80mm(.031"), 1.27mm(.050") Micro SAS Plug, Right Angle, Straddle Mount, 0.76關m(30關") Gold (Au) Plating, 25 Circuits, Halogen free, Lead free
0873814063 MOLEX9-0873814063 Datasheet
327Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.76關m (30關) Gold (Au) Plating, with Cap, without Locating Pegs, 40 Circuits, Lead-free
0873813063 MOLEX9-0873813063 Datasheet
327Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Receptacle, Surface Mount, Top Entry, 0.76關m (30關) Gold (Au) Plating, with Cap, without Locating Pegs, 30 Circuits, Lead-free
0473004004 MOLEX6-0473004004 Datasheet
136Kb / 3P
   1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive,Right Angle, SMT, 0.76關m (30關") Gold (Au) Plating, with Pegs, Lead-free
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com