Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0780350301 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0780350301
Description  0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Reverse Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0780350301 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0780350301 Datasheet HTML 1Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 2Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 3Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 4Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 5Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 6Page - Molex Electronics Ltd. 0780350301 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
This document was generated on 04/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0780350301
Status:
Active
Description:
0.60mm (.024") Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5° Reverse Angle,
0.76µm (30µ") Gold (Au) Plating, Off-White Latches, 244 Circuits,1.5V Voltage Key,
Lead-free
Documents:
3D Model
Product Specification PS-78035-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Module Sockets
Series
78035
Comments
<LI>Latches in Off-White Color
Component Type
Socket
JEDEC Outline
MO-244
Product Name
MiniDIMM
Physical
Circuits (Loaded)
244
Color - Resin
Black, Natural (White)
Durability (mating cycles max)
25
Entry Angle
22.5° Angle
Keying to Mating Part
Yes
Material - Metal
Copper Alloy
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PCB Locator
Yes
PCB Retention
Yes
Packaging Type
Tray
Pitch - Mating Interface (in)
0.024 In
Pitch - Mating Interface (mm)
0.60 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
100
Plating min: Termination (µm)
2.54
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
30V
Voltage Key
1.5V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-87782-001
Product Specification
PS-78035-001
Sales Drawing
SD-78035-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
78035Series
Mates With
JEDEC MO-244 Modules


Similar Part No. - 0780350301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0780350301 MOLEX11-0780350301 Datasheet
34Kb / 2P
   0.60mm Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5 Reverse Angle
More results

Similar Description - 0780350301

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877823003 MOLEX10-0877823003 Datasheet
560Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR3, Socket, Surface Mount, Vertical, 1.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
0877822002 MOLEX10-0877822002 Datasheet
488Kb / 7P
   0.60mm (.024) Pitch miniDIMM Socket, Surface Mount, Vertical, 2.5V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off-White Latches
0877830301 MOLEX10-0877830301 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR3 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244 Circuits
0877822003 MOLEX10-0877822003 Datasheet
561Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR2, Socket, Surface Mount, Vertical, 1.8V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
0877822001 MOLEX10-0877822001 Datasheet
557Kb / 8P
   0.60mm (.024) Pitch miniDIMM DDR2, Socket, Surface Mount, Vertical, 1.8V Voltage Key, 244 Circuits, 0.76關m (30關) Gold (Au) Plating, Off- White Latches
0780350001 MOLEX9-0780350001 Datasheet
488Kb / 7P
   0.60mm (.024") Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Reverse Angle,0.76關m (30關") Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244
0877822202 MOLEX10-0877822202 Datasheet
557Kb / 8P
   0.60mm (.024) Pitch miniDIMM Socket, Surface Mount, Vertical, 2.5V Voltage Key, 200 Circuits, 0.76關m (30關) Gold (Au) Plating, Off-White Latches
0877830001 MOLEX10-0877830001 Datasheet
483Kb / 7P
   0.60mm (.024) Pitch miniDIMM DDR2 Socket, Surface Mount, 22.5째 Angle, 0.76關m (30關) Gold (Au) Plating, Off-White Latches, with Pick-and-Place Cap, 244 Circuits
0877822201 MOLEX10-0877822201 Datasheet
557Kb / 8P
   0.60mm (.024) Pitch miniDIMM Socket, Surface Mount, Vertical, 1.8V Voltage Key, 200 Circuits, 0.76關m (30關) Gold (Au) Plating, Off-White Latches
0877822204 MOLEX10-0877822204 Datasheet
560Kb / 8P
   0.60mm (.024) Pitch miniDIMM Socket, Surface Mount, Vertical, 2.5V Voltage Key, 200 Circuits, 0.76關m (30關) Gold (Au) Plating, Off-White Latches,
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com