Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0781740800 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0781740800
Description  2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 8 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Press-fit Plastic Pegs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0781740800 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0781740800 Datasheet HTML 1Page - Molex Electronics Ltd. 0781740800 Datasheet HTML 2Page - Molex Electronics Ltd. 0781740800 Datasheet HTML 3Page - Molex Electronics Ltd. 0781740800 Datasheet HTML 4Page - Molex Electronics Ltd. 0781740800 Datasheet HTML 5Page - Molex Electronics Ltd. 0781740800 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image


Similar Part No. - 0781740800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0781710002 MOLEX1-0781710002 Datasheet
36Kb / 2P
   Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.55mm
0781710003 MOLEX1-0781710003 Datasheet
36Kb / 2P
   Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.55mm
0781710004 MOLEX1-0781710004 Datasheet
36Kb / 2P
   Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.55mm
0781710005 MOLEX1-0781710005 Datasheet
36Kb / 2P
   Pico-EZmate Wire-to-Board Header, Vertical, Housing Height: 1.55mm
0781715006 MOLEX9-0781715006 Datasheet
227Kb / 4P
   1.20mm (.047") Pitch Pico-EZmate??Wire-to-Board Header, Vertical, Housing Height: 1.65mm (.065"), with side-Friction Locks, 6 Circuits
More results

Similar Description - 0781740800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0877590864 MOLEX9-0877590864 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 8 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877597634 MOLEX10-0877597634 Datasheet
367Kb / 6P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 24 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Press-fit Plastic Pegs
0877590850 MOLEX9-0877590850 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 8 Circuits, 0.38關m (15關") Gold (Au) Selective Plating, with Press-fit Plastic Pegs, Lead-free
0877592274 MOLEX10-0877592274 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 22 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877594674 MOLEX10-0877594674 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 46 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877593664 MOLEX10-0877593664 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 36 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877593474 MOLEX10-0877593474 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877593464 MOLEX10-0877593464 Datasheet
432Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 34 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs
0877590814 MOLEX9-0877590814 Datasheet
431Kb / 8P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 8 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, without Press-fit Plastic Pegs, Lead-free
0877594450 MOLEX10-0877594450 Datasheet
186Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Header, Surface Mount, Vertical, 44 Circuits, 0.38關m (15關) Gold (Au) Selective Plating, with Press-fit Plastic Pegs, Lead-free
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com