Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74979-0903 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 74979-0903
Description  2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 36 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 4.25mm (.167)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

74979-0903 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  74979-0903 Datasheet HTML 1Page - Molex Electronics Ltd. 74979-0903 Datasheet HTML 2Page - Molex Electronics Ltd. 74979-0903 Datasheet HTML 3Page - Molex Electronics Ltd. 74979-0903 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 74979-0903

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74979-0901 MOLEX9-74979-0901 Datasheet
424Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Open Module, 36 Circuits
74979-0902 MOLEX9-74979-0902 Datasheet
423Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 36 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 6.25mm (.246)
74979-0904 MOLEX9-74979-0904 Datasheet
423Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD Backplane Header, Open Module, 36 Circuits
74979-0909 MOLEX9-74979-0909 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 36 Circuits, Gold (Au) Selective 1.27關m (50關), Pin Length 5.15mm (.203)
More results

Similar Description - 74979-0903

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749791003 MOLEX9-0749791003 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 40 Circuits, Gold (Au) Selective 0.76關m (30關"), Pin Length 4.25mm (.167)
0749792503 MOLEX9-0749792503 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 100 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 4.25mm (.167)
0749790902 MOLEX9-0749790902 Datasheet
423Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 36 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 6.25mm (.246)
0749791002 MOLEX9-0749791002 Datasheet
421Kb / 4P
   2.00mm (.079") Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 40 Circuits, Gold (Au) Selective 0.76關m (30關"), Pin Length 6.25mm (.246")
0749792504 MOLEX9-0749792504 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 100 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 5.15mm (.203)
0749791001 MOLEX9-0749791001 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 40 Circuits, Gold (Au) Selective 0.76關m (30關), Pin Length 4.75mm (.187)
0749790909 MOLEX9-0749790909 Datasheet
421Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 36 Circuits, Gold (Au) Selective 1.27關m (50關), Pin Length 5.15mm (.203)
0749799001 MOLEX9-0749799001 Datasheet
424Kb / 4P
   2.00mm (.079) Pitch 6-Row VHDM-HSD??Backplane Header, Open Module, 40 Circuits, Gold (Au) Selective 0.76關m (30關), Lead-Free, Pin Length 4.75mm (.187)
0746491008 MOLEX8-0746491008 Datasheet
465Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Open Module, 80 Circuits, Pin Length 4.25mm (.167")
0746951008 MOLEX8-0746951008 Datasheet
358Kb / 5P
   2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Open Module, 40 Circuits, Pin Length 4.25mm (.167")
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com