Electronic Components Datasheet Search |
|
0850031782 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0850031782 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/17/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0850031782 Status: Active Overview: din_41612 Description: 2.54mm (.100") Pitch DIN 41612 Header, Style C/2, Right Angle, Through Hole, 0.6µm (24µ") Selective Gold (Au), 32 Circuits, Lead free Documents: 3D Model Product Specification PS-85003-0001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Backplane Connectors Series 85003 Application Daughtercard Component Type PCB Header Overview din_41612 Product Name IEC 603-2/DIN 41612 Style C/2 Physical Circuits (Loaded) 32 Circuits (maximum) 48 Durability (mating cycles max) 400 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part No Keying to Mating Part Yes Number of Columns 16 Number of Pairs Open Pin Field Number of Rows 3 Orientation Right Angle PC Tail Length (in) 0.118 In PC Tail Length (mm) 3.00 mm PCB Locator No PCB Retention Yes PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Polarized to PCB Yes Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -55°C to +125°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 2.5A Data Rate 622.0 Mbps Voltage - Maximum 250V AC (RMS) Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 85003Series Mates With 85042 , 85052 Backplane Header |
Similar Part No. - 0850031782 |
|
Similar Description - 0850031782 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |