Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0875520687 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0875520687
Description  1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關) Gold (Au) Selective Plating, 68 Circuits, Leadfree
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0875520687 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0875520687 Datasheet HTML 1Page - Molex Electronics Ltd. 0875520687 Datasheet HTML 2Page - Molex Electronics Ltd. 0875520687 Datasheet HTML 3Page - Molex Electronics Ltd. 0875520687 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0875520687

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875520507 MOLEX9-0875520507 Datasheet
155Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Through Hole, Right Angle, with Beveled Metal Pins
0875520807 MOLEX9-0875520807 Datasheet
284Kb / 5P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關) Gold (Au) Selective Plating, 80 Circuits, Leadfree
More results

Similar Description - 0875520687

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0875520807 MOLEX9-0875520807 Datasheet
284Kb / 5P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, with Beveled Metal Pins, 0.76關m (30關) Gold (Au) Selective Plating, 80 Circuits, Leadfree
0875370100 MOLEX9-0875370100 Datasheet
160Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76關m (30關") Gold (Au) Selective Plating, 68
0875378819 MOLEX9-0875378819 Datasheet
220Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Matewith Beveled Metal Pin and Plastic Peg, 0.76關m (30關") Gold (Au) Selective Plating, 68
0875378875 MOLEX9-0875378875 Datasheet
158Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關") Gold (Au) Selective Plating
0875378811 MOLEX9-0875378811 Datasheet
162Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
0875378812 MOLEX9-0875378812 Datasheet
214Kb / 4P
   1.27mm (.050) Pitch EBBI??50D Receptacle, Through Hole, Right Angle, Blind Mate, with Beveled Metal Pin and Plastic Peg, 0.76關m (30關) Gold (Au) Selective Plating
0875520507 MOLEX9-0875520507 Datasheet
155Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Through Hole, Right Angle, with Beveled Metal Pins
0876781001 MOLEX9-0876781001 Datasheet
259Kb / 6P
   1.27mm (.050") Pitch Serial ATA Backplane Receptacle, Through Hole, VerticalExtended Height, 0.76關m (30關") Gold (Au) Selective, 22 Circuits, Leadfree
0780610061 MOLEX9-0780610061 Datasheet
373Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關) Gold(Au) Selective Plating, 240 Circuits, with Beveled Metal Pins
0877791001 MOLEX10-0877791001 Datasheet
255Kb / 6P
   1.27mm (.050) Pitch Serial ATA Backplane Receptacle, Through Hole, Vertical, SIL, Standard Height, 0.76關m (30關) Gold (Au) Selective, 22 Circuits, Leadfree
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com