Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3000C Datasheet(PDF) 1 Page - Sanken electric

Part # SI-3000C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3000C Datasheet(HTML) 1 Page - Sanken electric

  SI-3000C Datasheet HTML 1Page - Sanken electric SI-3000C Datasheet HTML 2Page - Sanken electric SI-3000C Datasheet HTML 3Page - Sanken electric SI-3000C Datasheet HTML 4Page - Sanken electric SI-3000C Datasheet HTML 5Page - Sanken electric SI-3000C Datasheet HTML 6Page - Sanken electric SI-3000C Datasheet HTML 7Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
39
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
VC
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
Rth(j-a)
sFeatures
• Compact full-mold package (equivalent to TO220)
• Output current: 1.5A
• Low dropout voltage: VDIF
≤1V (at IO=1.5A)
• Variable output voltage (rise only)
May be used for remote sensing
• Output ON/OFF control terminal is compatible with LS-TTL. (It may be
directly driven by LS-TTL or standard CMOS logic.)
• Built-in foldback overcurrent (SI-3033C: Drooping type overcurrent), ov-
ervoltage, thermal protection circuits
sApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
sAbsolute Maximum Ratings
(Ta=25
°C)
SI-3000C Series
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Ratings
SI-3033C
SI-3050C/3090C SI-3120C/3150C
SI-3240C
20
35
35
45
VIN
1.5*2
18(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
–40 to +125
–30 to +100
–40 to +125
5.5
66.7(Without heatsink, stand-alone operation)
qSI-3000C Series
Parameter
DC Input Voltage
Voltage of Output Control Terminal
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)
Thermal Resistance (junction to ambient air)


Similar Part No. - SI-3000C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI-3000C ETC-SI-3000C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3000C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI3240C ETC-SI3240C Datasheet
94Kb / 7P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
Sanken electric
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com